Electronic Components Datasheet Search
  English  ▼

X  

DLPC3421CZVB Datasheet(PDF) 26 Page - Texas Instruments

Part # DLPC3421CZVB
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421CZVB Datasheet(HTML) 26 Page - Texas Instruments

Back Button DLPC3421CZVB Datasheet HTML 22Page - Texas Instruments DLPC3421CZVB Datasheet HTML 23Page - Texas Instruments DLPC3421CZVB Datasheet HTML 24Page - Texas Instruments DLPC3421CZVB Datasheet HTML 25Page - Texas Instruments DLPC3421CZVB Datasheet HTML 26Page - Texas Instruments DLPC3421CZVB Datasheet HTML 27Page - Texas Instruments DLPC3421CZVB Datasheet HTML 28Page - Texas Instruments DLPC3421CZVB Datasheet HTML 29Page - Texas Instruments DLPC3421CZVB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
7.3 Feature Description
7.3.1 Input Source Requirements
7.3.1.1 Supported Resolution and Frame Rates
Table 7-1. Supported Input Source Ranges(1) (2) (3)
INTERFACE
BITS PER PIXEL
(max)(5)
IMAGE TYPE
SOURCE RESOLUTION RANGE(7) (pixels)
FRAME RATE
RANGE
(Hz)
HORIZONTAL
VERTICAL
Landscape
Portrait
Landscape
Portrait
Parallel
24
2D only
320 to 854
854 to 320
180 to 480
480 to 180
48 to 360
DSI(8)
24
2D only
320 to 854
854 to 320
180 to 480
480 to 180
48 to 360
BT.656-NTSC(4)
See (6)
2D only
854
N/A
480
N/A
60 ± 2
BT.656-PAL(4)
See (6)
2D only
854
N/A
480
N/A
50 ± 2
(1)
The application must remain within specifications for all source interface parameters such as maximum clock rate and maximum line
rate.
(2)
The maximum DMD size for all rows in the table is 854 × 480 pixels.
(3)
To achieve the ranges stated, the firmware must support the source parameters. Review the firmware release notes or contact TI to
determine the latest available frame rate and input resolution support for a given firmware image.
(4)
All parameters in this row follow the BT.656 standard. The image format is always landscape.
(5)
Bits per pixel does not necessarily equal the number of data pins used on the DLPC34xx controller.
(6)
BT.656 uses 16-bit 4:2:2 YCbCr.
(7)
By using an I2C command, the controller can rotate portrait image inputs on the DMD by minus 90 degrees so that the image displays
in landscape format.
(8)
Applications may require up to four DSI lanes in order to fully utilize the available DSI bandwidth (and therefore achieve the maximum
display rates and resolutions).
DLPC3421
DLPS231 – OCTOBER 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com