Electronic Components Datasheet Search
  English  ▼

X  

DLPC3421CZVB Datasheet(PDF) 25 Page - Texas Instruments

Part # DLPC3421CZVB
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421CZVB Datasheet(HTML) 25 Page - Texas Instruments

Back Button DLPC3421CZVB Datasheet HTML 21Page - Texas Instruments DLPC3421CZVB Datasheet HTML 22Page - Texas Instruments DLPC3421CZVB Datasheet HTML 23Page - Texas Instruments DLPC3421CZVB Datasheet HTML 24Page - Texas Instruments DLPC3421CZVB Datasheet HTML 25Page - Texas Instruments DLPC3421CZVB Datasheet HTML 26Page - Texas Instruments DLPC3421CZVB Datasheet HTML 27Page - Texas Instruments DLPC3421CZVB Datasheet HTML 28Page - Texas Instruments DLPC3421CZVB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
7 Detailed Description
7.1 Overview
The DLPC3421 part is a display controller for the DLP160CP (0.16 nHD) DMD. The DLPC3421 controller is part
of the chipset composed of the controller, DLP160CP (0.16 nHD) DMD, and DLPAxxxx PMIC (which includes
an LED driver). To ensure reliable operation of the DLP chipset, the DLPC34xx must always be used with the
supported devices shown in Table 6-1.
The DLPC34xx display controller provides interfaces along with data and image processing functions that
are optimized for small form factor and power-constrained display applications. Applications include projection
within mobile projectors, smart displays, smartphones, tablets, augmented reality glasses, mobile accessories,
smart home displays, and Pico projectors. The DLPC3421 is not a front-end processor; therefore, standalone
projectors must include a separate front-end chip to interface to the outside world (for example, a video decoder,
HDMI receiver, or USB I/F chip).
7.2 Functional Block Diagram
Input
Control
Processing
Test
Pattern
Generator
Splash
Screen
/20
/5
/24
Parallel Video
or BT656 Port
Arm
® Cortex®-M3
Processor
128 KB I/D Memory
JTAG
I2C_0
SPI_0
GPIO
SPI_1
I2C_1
LED Control
Other options
eDRAM (Frame Memory)
Real Time
Control System
Clocks and Reset
Generation
DLP Subsystem
Display Formatting
DMD Interface
Video Processing
x Brightness Enhancement
x Chroma Interpolation
x Color Space Conversion
x Color Correction
x CAIC Processing
x Contrast Adjustment
x Gamma Correction
x Image Format Processing
x Power Saving Operations
Clock (Crystal)
Reset Control
DMD_HS_CLK(sub-LVDS)
DMD_HS_DATA(A:H)(sub-LVDS)
DMD_LS_CLK
DMD_LS_WDATA
DMD_LS_RDATA
DMD_DEN_ARSTZ
/
/
/
/
www.ti.com
DLPC3421
DLPS231 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com