Electronic Components Datasheet Search
  English  ▼

X  

ISO6763F Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO6763F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6763F Datasheet(HTML) 4 Page - Texas Instruments

  ISO6763F Datasheet HTML 1Page - Texas Instruments ISO6763F Datasheet HTML 2Page - Texas Instruments ISO6763F Datasheet HTML 3Page - Texas Instruments ISO6763F Datasheet HTML 4Page - Texas Instruments ISO6763F Datasheet HTML 5Page - Texas Instruments ISO6763F Datasheet HTML 6Page - Texas Instruments ISO6763F Datasheet HTML 7Page - Texas Instruments ISO6763F Datasheet HTML 8Page - Texas Instruments ISO6763F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
1
VCC1
16
VCC2
2
15
3
INA
14
OUTA
4
INB
13
OUTB
5
INC
12
OUTC
6
OUTD
11
IND
10
8
GND1
9
GND2
Not to scale
7
OUTE
OUTF
INE
INF
Figure 5-4. ISO6763 DW Package 16-Pin SOIC-WB Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ISO6760
ISO6761
ISO6762
ISO6763
GND1
8
8
8
8
—
Ground connection for VCC1
GND2
9
9
9
9
—
Ground connection for VCC2
INA
2
2
2
2
I
Input, channel A
INB
3
3
3
3
I
Input, channel B
INC
4
4
4
4
I
Input, channel C
IND
5
5
5
12
I
Input, channel D
INE
6
6
11
11
I
Input, channel E
INF
7
10
10
10
I
Input, channel F
OUTA
15
15
15
15
O
Output, channel A
OUTB
14
14
14
14
O
Output, channel B
OUTC
13
13
13
13
O
Output, channel C
OUTD
12
12
12
5
O
Output, channel D
OUTE
11
11
6
6
O
Output, channel E
OUTF
10
7
7
7
O
Output, channel F
VCC1
1
1
1
1
—
Power supply, side 1
VCC2
16
16
16
16
—
Power supply, side 2
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0B – AUGUST 2021 – REVISED NOVEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com