Electronic Components Datasheet Search
  English  ▼

X  

ISO6763F Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO6763F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6763F Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO6763F Datasheet HTML 5Page - Texas Instruments ISO6763F Datasheet HTML 6Page - Texas Instruments ISO6763F Datasheet HTML 7Page - Texas Instruments ISO6763F Datasheet HTML 8Page - Texas Instruments ISO6763F Datasheet HTML 9Page - Texas Instruments ISO6763F Datasheet HTML 10Page - Texas Instruments ISO6763F Datasheet HTML 11Page - Texas Instruments ISO6763F Datasheet HTML 12Page - Texas Instruments ISO6763F Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Plan to certify according to
DIN VDE V 0884-11:2017-
01
Plan to certify according to
IEC 62368-1, IEC 61010-1
and IEC 60601-1
Plan to certify according
to UL 1577 Component
Recognition Program
Plan to certify according to
GB4943.1-2011
Plan to certify according
to EN 61010-1:2010/
A1:2019 and EN
62368-1:2014
Maximum transient
isolation
voltage, 7071 VPK;
Maximum repetitive peak
isolation
voltage, 2121 VPK;
Maximum surge isolation
voltage, 6250 VPK
600 VRMS reinforced
insulation per CSA
62368-1:19 and IEC
62368-1:2018; 600 VRMS
reinforced insulation
per CSA 61010-1-12+A1
and IEC 61010-1 3rd
Ed (pollution degree 2,
material group I);
2 MOPP (Means of
Patient Protection) per
CSA 60601-1-14 and IEC
60601-1 Ed.3+A1, 250
VRMS max working voltage
Single protection,
5000 VRMS
Reinforced insulation,
Altitude ≤ 5000 m, Tropical
Climate,
700 VRMS
maximum working voltage
5000 VRMS reinforced
insulation per EN
61010-1:2010/A1:2019
and EN 62368-1:2014 up
to working voltage of 600
VRMS
Certificate planned
Certificate planned
Certificate planned
Certificate planned
Certificate planned
6.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply current (1)
RθJA =68.8°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C
330
mA
RθJA = 68.8°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C
504
mA
RθJA = 68.8°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C
660
mA
RθJA = 68.8°C/W, VI = 1.89 V, TJ = 150°C,
TA = 25°C
956
mA
PS
Safety input, output, or total power (1)
RθJA = 68.8°C/W, TJ = 150°C, TA = 25°C
1820
mW
TS
Maximum safety temperature (1)
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
www.ti.com
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0B – AUGUST 2021 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com