Electronic Components Datasheet Search
  English  ▼

X  

ML2302 Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML2302
Description  Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2302 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML2302 Datasheet HTML 13Page - OKI electronic componets ML2302 Datasheet HTML 14Page - OKI electronic componets ML2302 Datasheet HTML 15Page - OKI electronic componets ML2302 Datasheet HTML 16Page - OKI electronic componets ML2302 Datasheet HTML 17Page - OKI electronic componets ML2302 Datasheet HTML 18Page - OKI electronic componets ML2302 Datasheet HTML 19Page - OKI electronic componets ML2302 Datasheet HTML 20Page - OKI electronic componets ML2302 Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
FEDL2302DIGEST-05
OKI Semiconductor
ML2302
17/24
SPEAKER DRIVING AMPLIFIER
The ML2302 contains two OP amplifiers for driving a speaker; SPOUT– which is the inverting type output for a
voice multiplication signal SPIN and SPOUT+ which is the non-inverting type output.
Though SPOUT+ alone can be used, when differential outputs are used, it is possible to gain not only an amplitude
two times that of when a single OP amplifier is used but also a good volume even if a low power supply voltage is
used. The connection diagram of differential outputs are shown below.
Note 1: The gain of a speaker amplifier is determined by R1 and R2.
V (SPOUT–) = –
R2
R1
• V(SPIN)
V (SPOUT+) = –V(SPOUT–) =
R2
R1
• V(SPIN)
Note 2: C1 is an AC coupling capacitance. The cut-off frequency at a low field is determined by the following
equation.
Select a value of C1 in accordance with a pass band.
fc =
1
2
× π × C1 × R1
(Hz)
VR
R1
AOUT
SPIN
SPOUT–
SPOUT+
C1
R2
20 k
Ω
20 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com