Electronic Components Datasheet Search
  English  ▼

X  

ML7005 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML7005
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005 Datasheet(HTML) 1 Page - OKI electronic componets

  ML7005 Datasheet HTML 1Page - OKI electronic componets ML7005 Datasheet HTML 2Page - OKI electronic componets ML7005 Datasheet HTML 3Page - OKI electronic componets ML7005 Datasheet HTML 4Page - OKI electronic componets ML7005 Datasheet HTML 5Page - OKI electronic componets ML7005 Datasheet HTML 6Page - OKI electronic componets ML7005 Datasheet HTML 7Page - OKI electronic componets ML7005 Datasheet HTML 8Page - OKI electronic componets ML7005 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
¡ Semiconductor
ML7005
1/24
¡ Semiconductor
ML7005
DTMF Transceiver
GENERAL DESCRIPTION
The ML7005 is a multi-functional DTMF transceiver LSI with built-in a DTMF signal generator,
a DTMF signal receiver, a call progress tone generator, a call progress tone detector, and a FAX
(FX) signal detector.
Each functional block can be controlled by an external MCU via a 4-bit processor interface.
The ML7005 does not contains a modem. However, the DTMF system data transmission is
possible at less than 66 bps by setting the DTMF receiver to the high-speed detection mode.
The ML7005 operates with low-power consumption and is suitable for remote control systems,
especially for ACR (Automatic Cost Routing) controllers.
FEATURES
• Wide range of power supply voltage : +2.7 V to +5.5 V
• Low power consumption
Operating mode
: 4.0 mA (VDD = 3 V) Typ.
Operating mode
: 5.0 mA (VDD = 5 V) Typ.
Power down mode : 1 mA Typ.
• The 4-bit processor interface supports both the Intel processor mode in which a read signal and
a write signal are used independently of each other, and the Motorola processor mode in which
a read signal and a write signal are used in common.
• The DTMF receiver can select either the high-speed detection mode (signal repeat time: more
than 60 ms) or the normal detection mode (signal repeat time: more than 90 ms).
• Built-in call progress tone generator
• Built-in FAX signal (FX: 1300 Hz) detector
• The DTMF signal generator, DTMF signal detector, call progress tone generator, and call
progress tone detector can operate concurrently.
• Built-in 3.579545 MHz crystal oscillator circuit
• Package :
32-pin plastic SSOP (SSOP32-P-430-1.00-K) (Product name: ML7005MB)
E2A0050-29-81
This version: Aug. 1999
Previous version: May 1999


Similar Part No. - ML7005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
More results

Similar Description - ML7005

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
CMOS Integrated DTMF Transceiver
logo
Clare, Inc.
M-8880 CLARE-M-8880 Datasheet
841Kb / 13P
M-8880 DTMF Transceiver
M-8888 CLARE-M-8888 Datasheet
451Kb / 14P
DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
Integrated DTMF Transceiver with Intel Micro Interface
logo
OKI electronic componet...
MSM7524 OKI-MSM7524 Datasheet
128Kb / 21P
DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
Integrated DTMF Transceiver with Adaptive Micro Interface
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
DTMF Transceiver
M8888-R1 CLARE-M8888-R1 Datasheet
457Kb / 14P
DTMF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com