Electronic Components Datasheet Search
  English  ▼

X  

ML7005 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML7005
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML7005 Datasheet HTML 9Page - OKI electronic componets ML7005 Datasheet HTML 10Page - OKI electronic componets ML7005 Datasheet HTML 11Page - OKI electronic componets ML7005 Datasheet HTML 12Page - OKI electronic componets ML7005 Datasheet HTML 13Page - OKI electronic componets ML7005 Datasheet HTML 14Page - OKI electronic componets ML7005 Datasheet HTML 15Page - OKI electronic componets ML7005 Datasheet HTML 16Page - OKI electronic componets ML7005 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
¡ Semiconductor
ML7005
13/24
Processor Interface Charactceristics (Intel Processor Mode)
Figure 4 Processor Interface Timing (Intel Processor Mode : PTYPE="1")
Parameter
Symbol
Condition
Typ.
Unit
Address Data Setup Time
tAL
—ns
—
Address Data Hold Time
tLA
ns
——
Min.
Max.
80
—
—
30
ALE Signal Time
tLL
ns
——
—
80
(VDD = 2.7 to 5.5 V, Ta = –30 to +85°C)
Chip Select Setup Time before Read
tCRS
ns
——
—
30
Chip Select Hold Time after Read
tCRH
ns
——
—
30
READ Data Output Delay Time
tRD
ns
VOL £ 0.4 V, VOH ≥ VDD – 0.4 V
90
180
0
Data Float Time after Read
tRDF
ns
—37
60
5
READ Signal Time
tRW
ns
——
—
200
Chip Select Setup Time before Write
tCWS
ns
——
—
30
Chip Select Hold Time after Write
tCWH
ns
——
—
30
WR Signal Time
tWW
ns
——
—
140
Data Setup Time before Write
tDW
ns
——
—
80
Data Hold Time
tWD
ns
——
—
30
ALE
tLL
tLL
tRW
tWW
READ
WR
D0 to D3
CS
tAL tLA
tRD
tRDF
tAL
tLA
tDW tWD
tCRS
tCRH
tCWH
tCWS
ADDRESS
READ DATA
ADDRESS
WRITE DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com