Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7033 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML7033 Datasheet HTML 17Page - OKI electronic componets ML7033 Datasheet HTML 18Page - OKI electronic componets ML7033 Datasheet HTML 19Page - OKI electronic componets ML7033 Datasheet HTML 20Page - OKI electronic componets ML7033 Datasheet HTML 21Page - OKI electronic componets ML7033 Datasheet HTML 22Page - OKI electronic componets ML7033 Datasheet HTML 23Page - OKI electronic componets ML7033 Datasheet HTML 24Page - OKI electronic componets ML7033 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
FEDL7033-02
1Semiconductor
ML7033
21/51
Table 4 State of PCMOUT in 14-bit Linear PCM Mode with LIN (CR0-B3) bit = “1”
PDN pin
MODE1 bit
MODE0 bit
ALAW bit
CH2 PCM Data
CH1 PCM Data
0
0/1
0/1
Hi-Z *1
Hi-Z *1
1
0
0
ALL “0”
ALL “0”
1
0
1
ALL “0”
Operate
1
1
0
Operate
ALL “0”
11
1
0/1
Operate
Operate
Table 5 State of Analog Output Pins
PDN
pin
MODE1
bit
MODE0
bit
GSX1
pin
GSX2
pin
AOUT1
pin
AOUT2
pin
SG
pin
SGC
pin
MCU
Interface
0
0/1
0/1
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
AG level *2 Operate
1
0
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
AG level *2 Operate
1
0
1
Operate
Hi-Z
Operate
Hi-Z
Operate
Operate
Operate
1
1
0
Hi-Z
Operate
Hi-Z
Operate
Operate
Operate
Operate
1
1
1
Operate
Operate
Operate
Operate
Operate
Operate
Operate
*1
The data will be ‘H’ by an external pull-up resistor.
*2
Output impedance = about 50 k
Ω
F2_1, F1_1, F0_1, F2_2, F1_2, F0_2
The F2_n, F1_n and F0_n pins are data outputs used when the SLIC connected to the corresponding channel is
an Intersil RSLICTM series device. The output levels from the F2_n, the F1_n and F0_n pins are determined by
the F2_n, F1_n, and F0_n register bits (CR6-B7 to B5 and CR13-B7 to B5). By inputting these outputs directly
into the corresponding input pin of the SLIC device, the SLIC operating mode selection is possible.
Even in the power-down state with the
PDN pin is asserted, these pins remain functional.
E0_1, E0_2
The E0_n pins are the detector mode selection data outputs. These pins are used when the SLIC connected to the
corresponding channel is an Intersil RSLICTM series device. Though the output level from the E0_n pin is
determined by the E0_n bit (CR6-B2/CR13-B2), the output level changes in 20
µs (= hold timer) in the power-
on mode with the
PDN pin = logic “1” and in 200 ns in the power-down mode with the PDN pin = logic “0”
after the change of E0_n bit (CR6-B2 /CR13-B2). Refer to Figure 6 for information.
What event is actually detected by the SLIC is determined by the combination of the F2_n, F1_n, F0_n and E0_n
pins. Refer to Table 6 for more information. By connecting the output directly into the corresponding input pin
of the SLIC device, detector mode selection in the SLIC is possible. Even in the power-down state with the
PDN
pin = logic “0”, this pin remains functional. However, the hold timer is ignored in this state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com