Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7033 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML7033 Datasheet HTML 9Page - OKI electronic componets ML7033 Datasheet HTML 10Page - OKI electronic componets ML7033 Datasheet HTML 11Page - OKI electronic componets ML7033 Datasheet HTML 12Page - OKI electronic componets ML7033 Datasheet HTML 13Page - OKI electronic componets ML7033 Datasheet HTML 14Page - OKI electronic componets ML7033 Datasheet HTML 15Page - OKI electronic componets ML7033 Datasheet HTML 16Page - OKI electronic componets ML7033 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
FEDL7033-02
1Semiconductor
ML7033
13/51
TIMING DIAGRAM
Transmit Timing - 8-bit PCM Mode with LIN (CR0-B3) bit = “0”
Long Frame Sync Mode with SHORT (CR0-B4) bit = “0”
MCK
BCLK
XSYNC
PCMOUT
PCMOSY
t
XS
D2
1
2345678
t
SX
t
XD1
t
SD
D3
D4
D5
D6
D7
D8
MSD
t
WS
t
XD2
t
MB
t
XD3
t
XD4
Short Frame Sync Mode with SHORT (CR0-B4) bit = “1”
MCK
BCLK
XSYNC
PCMOUT
PCMOSY
tSX
D2
1
23
456
78
tXS
tXD1
D3
D4
D5
D6
D7
MSD
tWS
tXD2
tMB
tXD3
tXD4
D8
Figure 1 Transmit Side Timing Diagram
Receive Timing - 8-bit PCM Mode with LIN (CR0-B3) bit = “0”
Long Frame Sync Mode with SHORT (CR0-B4) bit = “0”
t
RS
D2
1
2345678
t
SR
t
DS
t
WS
t
DH
D3
D4
D5
MS D
D6
D7
D8
t
MB
MCK
BCLK
RSYN C
PCMIN
Short Frame Sync Mode with SHORT (CR0-B4) bit = “1”
t
SR
D2
1
2345678
t
RS
t
DS
t
WS
t
DH
D3
D4
D5
MS D
D6
D7
t
MB
MCK
BCLK
RSYN C
PCMIN
Figure 2 Receive Side Timing Diagram
Note: The above timings are also valid in 14-bit linear PCM Mode with the LIN (CR0-B3) bit = “1”,
except that the number of data bits on the PCMIN and PCMOUT signals changes from 8 to 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com