Electronic Components Datasheet Search
  English  ▼

X  

ML7048 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML7048
Description  3-Channel Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7048 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML7048 Datasheet HTML 2Page - OKI electronic componets ML7048 Datasheet HTML 3Page - OKI electronic componets ML7048 Datasheet HTML 4Page - OKI electronic componets ML7048 Datasheet HTML 5Page - OKI electronic componets ML7048 Datasheet HTML 6Page - OKI electronic componets ML7048 Datasheet HTML 7Page - OKI electronic componets ML7048 Datasheet HTML 8Page - OKI electronic componets ML7048 Datasheet HTML 9Page - OKI electronic componets ML7048 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PEDL7048-01-01
1Semiconductor
ML7048-01
6/20
PDN1, PDN2, PDN3
PDN1 is the power down control signal input pin for Channel 1, PDN2 is for Channel 2, and PDN3 is for Channel
3.
When PDN is “1” and PDN1, PDN2, and PDN3 are “0s”, the corresponding channel goes in power saving mode
(all analog circuits except the reference voltage generation circuit are being powered down).
P/S
Signal input pin for selecting either 3-channel independent serial interface or 3-channel continuous serial interface.
When P/S is “0”, 3-channel independent serial interface, in which the input/output of each channel is made through
DIN1 to 3 and DOUT1 to 3 independently, is selected.
When P/S is “1”, 3-channel continuous serial interface, in which the input/output of each channel is made from
DIN1 and DOUT1 continuously.
When 3-channel continuous serial interface is selected, DOUT2 and DOUT3 pins are at a high impedance.
Connect the DIN2 and DIN3 pins to the digital ground (DG).
BCLK
PCM signal shift clock input pin for DIN1, DIN2, DIN3, DOUT1, DOUT2, and DOUT3.
The frequency is equal to the data rate.
The clock frequencies available are 64, 96, 128, 192, 256, 384, 512, 1024, 1536, and 2048 kHz.
When P/S is “1” and 3-channel continuous serial interface is selected, the frequencies of 64, 96, and 128 kHz
cannot be used.
RSYNC
Receive synchronizing signal input pin.
This signal selects necessary 8-bit PCM data from serial PCM signals for the DIN1, DIN2 and DIN3 pins. This
synchronizing signal must be synchronized in phase with BCLK (generated from BCLK).
XSYNC
Transmit synchronizing signal input pin.
This synchronizing signal must be synchronized in phase with BCLK (generated from BCLK). The DPLL circuit
is synchronized in phase with XSYNC.
DIN1, DIN2, DIN3
When P/S is “0” and 3-channel independent serial interface is selected, DIN1 is the PCM signal input pin for
Channel 1, DIN2 is for Channel 2, and DIN3 is for Channel 3.
When P/S is “1” and 3-channel continuous serial interface is selected, DIN1 is the PCM signal input pin for each
channel and data is input in the order of Channel 1, Channel 2 and Channel 3.
At that time, connect DIN2 and DIN3 to the digital ground (DG).
The PCM signal data rate is equal to the frequency of BCLK. The PCM signal is shifted at the falling edge of
BCLK. The MSD of PCM data is identified at the rising edge of RSYNC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com