Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200Z Datasheet(PDF) 51 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 47Page - NXP Semiconductors MMPF0200Z Datasheet HTML 48Page - NXP Semiconductors MMPF0200Z Datasheet HTML 49Page - NXP Semiconductors MMPF0200Z Datasheet HTML 50Page - NXP Semiconductors MMPF0200Z Datasheet HTML 51Page - NXP Semiconductors MMPF0200Z Datasheet HTML 52Page - NXP Semiconductors MMPF0200Z Datasheet HTML 53Page - NXP Semiconductors MMPF0200Z Datasheet HTML 54Page - NXP Semiconductors MMPF0200Z Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
51
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
SW2 Specifications
Table 56. SW2 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA,
SW2_PWRSTG[2:0] = [111], typical external component values, fSW2 = 2.0 MHz, unless otherwise noted. Typical values are
characterized at VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA, SW2_PWRSTG[2:0] = [111], and 25 °C, unless otherwise
noted.
Parameter
Symbol
Min
Typ
Max
Unit
SWITCH MODE SUPPLY SW2
Operating Input Voltage(41)
VINSW2
2.8
–
4.5
V
Nominal Output Voltage
VSW2
–
Table 48
–V
Output Voltage Accuracy
• PWM, APS, 2.8 V < VIN < 4.5 V, 0 < ISW2 < 1.5 A
0.625 V < VSW2 < 0.85 V
0.875 V < VSW2 < 1.975 V
2.0 V < VSW2 < 3.3 V
• PFM, 2.8 V < VIN < 4.5 V, 0 < ISW2 50 mA
0.625 V < VSW2 < 0.675 V
0.7 V < VSW2 < 0.85 V
0.875 V < VSW2 < 1.975 V
2.0 V < VSW2 < 3.3 V
VSW2ACC
-25
-3.0%
-6.0%
-65
-45
-3.0%
-3.0%
–
–
–
–
–
–
–
25
3.0%
6.0%
65
45
3.0%
3.0%
mV
%
Rated Output Load Current (42)
2.8 V < VIN < 4.5 V, 0.625 V < VSW2 < 3.3 V
ISW2
–
–
1500
mA
Current Limiter Peak Current Detection
• Current through Inductor
SW2ILIM = 0
SW2ILIM = 1
ISW2LIM
2.1
1.57
3.0
2.25
3.9
2.93
A
Start-up Overshoot
ISW2 = 0.0 mA
DVS clk = 25 mV/4
s, VIN = VINSW2 = 4.5 V
VSW2OSH
––
66
mV
Turn-on Time
Enable to 90% of end value
ISW2 = 0.0 mA
DVS clk = 50 mV/8
s, VIN = VINSW2 = 4.5 V
tONSW2
–
–
550
µs
Switching Frequency
SW2FREQ[1:0] = 00
SW2FREQ[1:0] = 01
SW2FREQ[1:0] = 10
fSW2
–
–
–
1.0
2.0
4.0
–
–
–
MHz
Efficiency
•VIN = 3.6 V, fSW2 = 2.0 MHz, LSW2 = 1.0 H
PFM, 3.15 V, 1.0 mA
PFM, 3.15 V, 50 mA
APS, PWM, 3.15 V, 400 mA
APS, PWM, 3.15 V, 600 mA
APS, PWM, 3.15 V, 1000 mA
APS, PWM, 3.15 V, 1500 mA
SW2
–
–
–
–
–
–
94
95
96
94
92
89
–
–
–
–
–
–
%
Output Ripple
VSW2
–10–
mV
Line Regulation (APS, PWM)
VSW2LIR
––
20
mV
DC Load Regulation (APS, PWM)
VSW2LOR
––
20
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com