Electronic Components Datasheet Search
  English  ▼

X  

MMRF1016H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF1016H
Description  RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1016H Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF1016H Datasheet HTML 1Page - NXP Semiconductors MMRF1016H Datasheet HTML 2Page - NXP Semiconductors MMRF1016H Datasheet HTML 3Page - NXP Semiconductors MMRF1016H Datasheet HTML 4Page - NXP Semiconductors MMRF1016H Datasheet HTML 5Page - NXP Semiconductors MMRF1016H Datasheet HTML 6Page - NXP Semiconductors MMRF1016H Datasheet HTML 7Page - NXP Semiconductors MMRF1016H Datasheet HTML 8Page - NXP Semiconductors MMRF1016H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MMRF1016HR5
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistor
N--Channel Enhancement--Mode Lateral MOSFET
This 600 W RF power LDMOS transistor is designed primarily for wideband
RF power amplifiers with frequencies up to 500 MHz. This device is unmatched
and is suitable for use in high power military applications.
 Typical DVB--T OFDM Performance: VDD =50 Vdc,IDQ = 2600 mA,
Pout = 125 W Avg., f = 225 MHz, Channel Bandwidth = 7.61 MHz,
Input Signal PAR = 9.3 dB @ 0.01% Probability on CCDF.
Power Gain — 25 dB
Drain Efficiency — 28.5%
ACPR @ 4 MHz Offset — --61 dBc @ 4 kHz Bandwidth
 Typical Pulse Performance: VDD =50 Vdc,IDQ = 2600 mA,
Pout = 600 W Peak, f = 225 MHz, Pulse Width = 100 sec, Duty
Cycle = 20%
Power Gain — 25.3 dB
Drain Efficiency — 59%
 Capable of Handling 10:1 VSWR @ 50 Vdc, 225 MHz, 600 W Peak Power,
Pulse Width = 100
sec, Duty Cycle = 20%
Features
 Characterized with Series Equivalent Large--Signal Impedance Parameters
 CW Operation Capability with Adequate Cooling
 Qualified Up to a Maximum of 50 VDD Operation
 Integrated ESD Protection
 Designed for Push--Pull Operation
 Greater Negative Gate--Source Voltage Range for Improved Class C
Operation
 In Tape and Reel. R5 Suffix = 50 Units, 56 mm Tape Width, 13--inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +120
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
C
Case Operating Temperature
TC
150
C
Operating Junction Temperature (1,2)
TJ
225
C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 99
C, 125 W CW, 225 MHz, 50 Vdc, IDQ = 2600 mA
Case Temperature 64
C, 610 W CW, 352.2 MHz, 50 Vdc, IDQ = 150 mA
Case Temperature 81
C, 610 W CW, 88--108 MHz, 50 Vdc, IDQ = 150 mA
RJC
0.20
0.14
0.16
C/W
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MMRF1016H
Rev. 0, 7/2014
Freescale Semiconductor
Technical Data
MMRF1016HR5
2--500 MHz, 600 W, 50 V
BROADBAND
RF POWER MOSFET
NI--1230H--4S
PART IS PUSH--PULL
Figure 1. Pin Connections
(Top View)
Drain A
31
42 Drain B
Gate A
Gate B
Note: The backside of the package is the
source terminal for the transistors.
 Freescale Semiconductor, Inc., 2014. All rights reserved.


Similar Part No. - MMRF1016H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1011H NXP-MMRF1011H Datasheet
645Kb / 13P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1011HR5 NXP-MMRF1011HR5 Datasheet
645Kb / 13P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1011HSR5 NXP-MMRF1011HSR5 Datasheet
645Kb / 13P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1012N NXP-MMRF1012N Datasheet
1Mb / 18P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
MMRF1012NR1 NXP-MMRF1012NR1 Datasheet
1Mb / 18P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
More results

Similar Description - MMRF1016H

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
MHT1000H NXP-MHT1000H Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
A2V09H400-04S NXP-A2V09H400-04S Datasheet
221Kb / 10P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 02/2021
MMRF1050H NXP-MMRF1050H Datasheet
424Kb / 12P
RF Power LDMOS Transistor High Ruggedness N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 02/2021
MMRF1012N NXP-MMRF1012N Datasheet
1Mb / 18P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
MMRF1019N NXP-MMRF1019N Datasheet
457Kb / 13P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
A2T14H450-23N NXP-A2T14H450-23N_V01 Datasheet
385Kb / 17P
RF Power LDMOS Transistor N−Channel Enhancement−Mode Lateral MOSFET
Rev. 1, 11/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com