Electronic Components Datasheet Search
  English  ▼

X  

MMRF1016H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MMRF1016H
Description  RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1016H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MMRF1016H Datasheet HTML 9Page - NXP Semiconductors MMRF1016H Datasheet HTML 10Page - NXP Semiconductors MMRF1016H Datasheet HTML 11Page - NXP Semiconductors MMRF1016H Datasheet HTML 12Page - NXP Semiconductors MMRF1016H Datasheet HTML 13Page - NXP Semiconductors MMRF1016H Datasheet HTML 14Page - NXP Semiconductors MMRF1016H Datasheet HTML 15Page - NXP Semiconductors MMRF1016H Datasheet HTML 16Page - NXP Semiconductors MMRF1016H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MMRF1016HR5
13
RF Device Data
Freescale Semiconductor, Inc.
Figure 25. MMRF1016HR6 Test Circuit Component Layout — 352.2 MHz
--
--
C11
C9
C7
B1
L1
C5
C1
C2
C3*
C4*
C24*
L2
C6
C8
C10
B2
C12
C20
C22
L3
C18
C13
C14
C17
C15
C16
L4
C21
C23
C19
COAX1
COAX2
COAX3
COAX4
*Mounted on side
Table 7. MMRF1016HR6 Test Circuit Component Designations and Values — 352.2 MHz
Part
Description
Part Number
Manufacturer
B1, B2
47
, 100 MHz Short Ferrite Beads
2743019447
Fair--Rite
C1, C2
100 pF Chip Capacitors
ATC100B101JT500XT
ATC
C3*, C24*
22 pF Chip Capacitors
ATC100B221JT300XT
ATC
C4*
20 pF Chip Capacitor
ATC100B200JT500XT
ATC
C5, C6
2.2
F Chip Capacitors
C1825C225J5RAC--TU
Kemet
C7, C8
220 nF Chip Capacitors
C1812C224K5RAC--TU
Kemet
C9, C10
0.1
F Chip Capacitors
CDR33BX104AKWS
AVX
C11, C12
47
F, 50 V Electrolytic Capacitors
476KXM050M
Illinois Cap
C13
39 pF, 500 V Chip Capacitor
MCM01--009DD390J--F
CDE
C14, C15, C16,
C17
240 pF Chip Capacitors
ATC100B241JT200XT
ATC
C18, C19
2.2
F Chip Capacitors
G2225X7R225KT3AB
ATC
C20, C21, C22,
C23
470
F, 63 V Electrolytic Capacitors
MCGPR63V477M13X26--RH
Multicomp
Coax1, 2, 3, 4
25
, Semi Rigid Coax, 2.2 Shield Length
UT141--25
Precision Tube Company
L1, L2
2.5 nH, 1 Turn Inductors
A01TKLC
Coilcraft
L3, L4
10 Turn, #16 AWG ID=0.160
 Inductors, Hand Wound
Copper Wire
Freescale
*Mounted on side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com