Electronic Components Datasheet Search
  English  ▼

X  

ML9361 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML9361
Description  128-Channel Organic EL Anode Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9361 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML9361 Datasheet HTML 7Page - OKI electronic componets ML9361 Datasheet HTML 8Page - OKI electronic componets ML9361 Datasheet HTML 9Page - OKI electronic componets ML9361 Datasheet HTML 10Page - OKI electronic componets ML9361 Datasheet HTML 11Page - OKI electronic componets ML9361 Datasheet HTML 12Page - OKI electronic componets ML9361 Datasheet HTML 13Page - OKI electronic componets ML9361 Datasheet HTML 14Page - OKI electronic componets ML9361 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PEDL9361-01
OKI Semiconductor
ML9361
11/19
DC Characteristics 2
VDD = 3.0 to 5.5 V, VDISP = 8 to 30 V, Tjop = –40 to +125°C
Parameter
Symbol
Applicable Pins
Condition
Min.
Typ.
Max.
Unit
Anode driver
ON current 7
IELON7
OUT1 to OUT128
VDISP = 24 V
VO = 15 V
VELSEL = low
R-ADJ = 10 k
Ω
Current adjustment range
= 100%
–415
(–17%)
–500
–585
(+17%)
µA
Anode driver
ON current 8
IELON8
OUT1 to OUT128
VDISP = 24 V
VO = 15 V
VELSEL = low
R-ADJ = 10 k
Ω
Current adjustment range
= 66%
–274
(–17%)
–330
–386
(+17%)
µA
Anode driver
ON current 9
IELON9
OUT1 to OUT128
VDISP = 24 V
VO = 15 V
VELSEL = low
R-ADJ = 10 k
Ω
Current adjustment range
= 33%
–137
(–17%)
–165
–193
(+17%)
µA
Anode driver low
output current 1
IELL1
OUT1 to OUT128
VDISP = 8 V
VO = 8 V
16
—
—
mA
Anode driver low
output current 2
IELL2
OUT1 to OUT128
VDISP = 30 V
VO = 30 V
60
—
—
mA
Anode driver low
output current 3
IELL3
OUT1 to OUT128
VDISP = 8 V
VO = 1 V
500
—
—
µA
VDISP dependence
coefficient for anode
driver ON current
*1
∆I
ELON1
OUT1 to OUT128
VDISP = 17 to 30 V
VEL = VO = 15 V
R-ADJ = 30 k
Ω
Current adjustment range
= 100%
–2.5
0
2.5
%/V
VO dependence
coefficient for anode
driver ON current
*2
∆I
ELON2
OUT1 to OUT128
VDISP = 24 V
VEL = 15 V
VO = 8 to 21 V
R-ADJ = 30 k
Ω
Current adjustment range
= 100%
–2.5
0
2.5
%/V
Temperature
coefficient for anode
driver ON current
∆I
ELON3
OUT1 to OUT128
VDISP = 24 V
VEL = VO = 15 V
R-ADJ = 30 k
Ω
Current adjustment range
= 100%
–0.1
0
0.1
%/°C
Relative error
between dots
(excluding adjoining
dots) for anode
driver ON current
∆I
ELON4
OUT1 to OUT128
VDISP = 24 V
VEL = VO = 15 V
R-ADJ = 30 k
Ω
Current adjustment range
= 100%
OUT1 to OUT128 = “ON”
Inside one chip.
–5
0
5
%
Tilt inside chip for
anode driver ON
current
*3
∆I
ELON5
OUT1 to OUT4
OUT63 to OUT66
OUT125 to OUT128
VDISP = 24 V
VEL = VO = 15 V
R-ADJ = 30 k
Ω
Current adjustment range
= 100%
OUT1 to OUT128 = “ON”
Inside one chip.
–3
0
3
%
Relative error
between adjoining
dots for anode driver
ON current
*4
∆I
ELON6
OUT1 to OUT128
VDISP = 24 V
VEL = VO = 15 V
R-ADJ = 30 k
Ω
Current adjustment range
= 100%
OUT1 to OUT128 = “ON”
Inside one chip.
–2
0
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com