Electronic Components Datasheet Search
  English  ▼

X  

ML9361 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML9361
Description  128-Channel Organic EL Anode Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9361 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML9361 Datasheet HTML 9Page - OKI electronic componets ML9361 Datasheet HTML 10Page - OKI electronic componets ML9361 Datasheet HTML 11Page - OKI electronic componets ML9361 Datasheet HTML 12Page - OKI electronic componets ML9361 Datasheet HTML 13Page - OKI electronic componets ML9361 Datasheet HTML 14Page - OKI electronic componets ML9361 Datasheet HTML 15Page - OKI electronic componets ML9361 Datasheet HTML 16Page - OKI electronic componets ML9361 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PEDL9361-01
OKI Semiconductor
ML9361
13/19
Supply Current
VDD = 3.0 to 5.5 V, VDISP = 8 to 30 V, Tjop = –40 to +125°C
Parameter
Symbol
Applicable Pins
Condition
Min.
Typ.
Max.
Unit
IDISP1
VDISP
VDISP = 30 V
VEL = 15 V
A-CLK = 5 MHz
R-ADJ = 30 k
Ω
Current adjustment range
= 100%
Output = open
PWM data = other than “0”
—
—
5.0
mA
IDISP2
VDISP
VDD = 0 V
VDISP = 30 V
VEL = 15 V
R-ADJ = 30 k
Ω
Output = open
—
—
300
µA
VDD
VDD = 5.5 V
D-CLK = 5 MHz
DATA = “1010.....10”
—
—
18
mA
VDD
VDD = 5.5 V
D-CLK, A-CLK = 5 MHz
DATA = “1010.....10”
—
—
20
mA
IDD1
VDD
VDD = 5.5 V
A-CLK = 5 MHz
DATA = “1010.....10”
—
—
5
mA
Supply current
IDD2
VDD
VDD = 5.5 V,
D-CLK = halted
RESET = 0 V
All the other inputs are also
0 V.
—
—
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com