Electronic Components Datasheet Search
  English  ▼

X  

232B Datasheet(PDF) 1 Page - Protek Devices

Part # 232B
Description  INDUSTRIAL COMPUTER DATA LINE PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

232B Datasheet(HTML) 1 Page - Protek Devices

  232B Datasheet HTML 1Page - Protek Devices 232B Datasheet HTML 2Page - Protek Devices 232B Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
232B
&
232E
1
05060.R3 11/03
www.protekdevices.com
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ RS-232 Transmission Lines
✔ Catagory 3 Systems
✔ Control & Monitoring Systems
✔ Analog Signal Transmissions
✔ Telemetry Outstations
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 8/20µs - 95A, Level 4 (Line-Gnd) & 48A, Level 4 (Line-Line)
FEATURES
✔ 4WIRE LINE-GROUND PROTECTION
✔ Designed for EIA Standard RS-232 Data Lines
✔ Permanent Two-Stage, 2 Line Pair or 4 Line Protector
✔ Subnanosecond Response Time
✔ Automatic Reset - Does Not Interrupt Service
✔ Effective Against Lightning, Inductive Switching and ESD
MECHANICAL CHARACTERISTICS
✔ Weight: 232B - 28 grams & 232E - 142 grams (Approximate
✔ Flammability Rating UL 94V-0
✔ Device Marking:
Case - Logo, Terminal Designations & Part Number
Board - Logo, Date Code & Part Number
DESCRIPTION
The 232B/E is a two-stage transient voltage protector the provides primary and
secondary protection against lightning, inductive switching and electrostatic discharge
(ESD) transient threats. The first stage diverts the transient current through the ground
terminal return path and the second stage clamps the voltage to a safe level without
interruption of service.
The 232B/E is designed to protect two line pairs or four (4) data lines from common-
mode (line-to-ground) lightning or switching transients. The datalines are isolated to
prevent near or far end cross talk problems. This product can also be used on data
and transmission lines, security, timing and control interface circuits.
232E
232B


Similar Part No. - 232B

ManufacturerPart #DatasheetDescription
logo
Protek Devices
232B PROTEC-232B Datasheet
437Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
logo
Advantech Co., Ltd.
232BRC ADVANTECH-232BRC Datasheet
295Kb / 1P
Baud Rate Converter
logo
Protek Devices
232B PROTEC-232B_10 Datasheet
437Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
232B PROTEC-232B_12 Datasheet
439Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
More results

Similar Description - 232B

ManufacturerPart #DatasheetDescription
logo
Protek Devices
422ELC PROTEC-422ELC Datasheet
113Kb / 3P
DIGITAL PROCESS DATA LINE PROTECTOR
485ELC PROTEC-485ELC Datasheet
114Kb / 3P
HIGH SPEED ETHERNET DATA LINE PROTECTOR
232B PROTEC-232B_10 Datasheet
437Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
422B PROTEC-422B Datasheet
439Kb / 5P
DATA PROCESS LINE PROTECTOR
422ELC PROTEC-422ELC_10 Datasheet
421Kb / 5P
DIGITAL PROCESS DATA LINE PROTECTOR
485ELC PROTEC-485ELC_10 Datasheet
422Kb / 5P
HIGH SPEED ETHERNET DATA LINE PROTECTOR
232B PROTEC-232B_12 Datasheet
439Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
422B PROTEC-422B_12 Datasheet
440Kb / 5P
DATA PROCESS LINE PROTECTOR
422ELC PROTEC-422ELC_12 Datasheet
422Kb / 5P
DIGITAL PROCESS DATA LINE PROTECTOR
485ELC PROTEC-485ELC_12 Datasheet
424Kb / 5P
HIGH SPEED ETHERNET DATA LINE PROTECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com