Electronic Components Datasheet Search
  English  ▼

X  

232B Datasheet(PDF) 3 Page - Protek Devices

Part # 232B
Description  INDUSTRIAL COMPUTER DATA LINE PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

232B Datasheet(HTML) 3 Page - Protek Devices

  232B Datasheet HTML 1Page - Protek Devices 232B Datasheet HTML 2Page - Protek Devices 232B Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
www.protekdevices.com
05060.R3 11/03
232B
&
232E
COPYRIGHT © ProTek Devices 2003
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein
without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement
concerning selection and specifications is the buyer’s and that in furnishing engineering and technical assistance,
ProTek assumes no responsibility with respect to the selection or specifications of such products.
PACKAGE OUTLINE & DIMENSIONS
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
232B Board Outline
0.50” MAX (12.7mm)
3.0” MAX
(76.2mm)
1.90” MAX
(48.2mm)
030” MAX
(7.6mm)
OUTPUT Connected to
Transmit/Receive Circuits
GND
2
5
12
15
0.07”
(17.8mm)
CONTINUITY
5
4
3
2
12
13
14
15
INPUT
OUTPUT
INPUT Connected to Line From
Outside World
Note:
I/O contacts spaced at 0.156”
(3.96mm) centers.
Orientation Notch
232E Case Outline
3.8” MAX
(95.5mm)
3.25”±0.015”
(82.6mm±0.38mm)
2.25” MAX
(57.2mm)
Mounting
Hole for #8
Screw
1.19” MAX
(30.2mm)
#6 Screws
0.61” MAX
(15.5mm)
Adhesive Mylar Label
Terminal Screw
1.125”
(30.2mm)
Terminal Strip



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com