Electronic Components Datasheet Search
  English  ▼

X  

OPA210 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA210
Description  OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA210 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA210 Datasheet HTML 12Page - Texas Instruments OPA210 Datasheet HTML 13Page - Texas Instruments OPA210 Datasheet HTML 14Page - Texas Instruments OPA210 Datasheet HTML 15Page - Texas Instruments OPA210 Datasheet HTML 16Page - Texas Instruments OPA210 Datasheet HTML 17Page - Texas Instruments OPA210 Datasheet HTML 18Page - Texas Instruments OPA210 Datasheet HTML 19Page - Texas Instruments OPA210 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
7.3 Feature Description
7.3.1 Operating Voltage
The OPAx210 op amps can be used with single or dual supplies within an operating range of VS = 4.5 V (±2.25
V) up to 36 V (±18 V).
CAUTION
Supply voltages greater than 40 V total can permanently damage the device.
In addition, key parameters are specified over the temperature range of TA = –40°C to +125°C. Parameters that
vary significantly with operating voltage or temperature are shown in Section 6.7.
7.3.2 Input Protection
The input pins of the OPAx210 are protected from excessive differential voltage with back-to-back diodes, as
shown in Figure 7-1. In most circuit applications, the input protection circuitry has no consequence. However, in
low-gain or G = 1 circuits, fast-ramping input signals can forward-bias these diodes because the output of the
amplifier cannot respond rapidly enough to the input ramp. This effect is illustrated in Figure 6-35 and Figure
6-36 in Section 6.7. If the input signal is fast enough to create this forward-bias condition, the input signal current
must be limited to 10 mA or less. If the input signal current is not inherently limited, an input series resistor can
be used to limit the signal input current. This input series resistor degrades the low-noise performance of the
OPAx210. See Section 7.3.3 for further information on noise performance.
Figure 7-1 shows an example configuration that implements a current-limiting feedback resistor.
Output
R
F
Input
-
+
R
I
Figure 7-1. Pulsed Operation
7.3.3 Noise Performance
Figure 7-2 shows the total circuit noise for varying source impedances with the op amp in a unity-gain
configuration (no feedback resistor network, and therefore, no additional noise contributions). Two different op
amps are shown with the total circuit noise calculated. The OPAx210 have very low voltage noise, making these
devices a great choice for low source impedances (less than 2 kΩ). As a comparable, precision FET-input op
amp (very low current noise), the OPA827 has somewhat higher voltage noise, but lower current noise. The
device provides excellent noise performance at moderate to high source impedance (10 kΩ and up). For source
impedance lower than 300 Ω, the OPA211 may provide lower noise.
The equation in Figure 7-2 shows the calculation of the total circuit noise, with these parameters:
• en = voltage noise,
• in = current noise,
• RS = source impedance,
• k = Boltzmann's constant = 1.38 × 10–23 J/K, and
• T = temperature in kelvins
For more details on calculating noise, see Section 8.1.1.
OPA210, OPA2210
SBOS924H – SEPTEMBER 2018 – REVISED AUGUST 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com