Electronic Components Datasheet Search
  English  ▼

X  

OPA210 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA210
Description  OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA210 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA210 Datasheet HTML 17Page - Texas Instruments OPA210 Datasheet HTML 18Page - Texas Instruments OPA210 Datasheet HTML 19Page - Texas Instruments OPA210 Datasheet HTML 20Page - Texas Instruments OPA210 Datasheet HTML 21Page - Texas Instruments OPA210 Datasheet HTML 22Page - Texas Instruments OPA210 Datasheet HTML 23Page - Texas Instruments OPA210 Datasheet HTML 24Page - Texas Instruments OPA210 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
8.2 Typical Application
+
±
OPAx210
Output
R1
590
R4
2.94 k
R3
499
C2
39 nF
C5
1 nF
Figure 8-2. Low-Pass Filter
8.2.1 Design Requirements
Low-pass filters are commonly used in signal processing applications to reduce noise and prevent aliasing. The
OPAx210 are designed to construct high-speed, high-precision active filters. Figure 8-2 shows a second-order,
low-pass filter commonly encountered in signal-processing applications.
Use the following parameters for this design example:
• Gain = 5 V/V (inverting gain)
• Low-pass cutoff frequency = 25 kHz
• Second-order Chebyshev filter response with 3-dB gain peaking in the pass band
8.2.2 Detailed Design Procedure
The infinite-gain, multiple-feedback circuit for a low-pass network function is shown in Figure 8-2. Use Equation
1 to calculate the voltage transfer function.
-
=
+
+
+
+
1 3
2
5
2
2
1
3
4
3
4
2
5
1/ R R C C
Output
(s)
Input
s
(s / C )(1/ R
1/ R
1/ R ) 1/ R R C C
(1)
This circuit produces a signal inversion. For this circuit, the gain at dc and the low-pass cutoff frequency are
calculated by Equation 2:
=
=
p
4
1
c
3
4
2
5
R
Gain
R
1
f
(1/ R R C C )
2
(2)
8.2.3 Application Curve
Figure 8-3. OPAx210 Second-Order, 25-kHz, Chebyshev, Low-Pass Filter
www.ti.com
OPA210, OPA2210
SBOS924H – SEPTEMBER 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com