Electronic Components Datasheet Search
  English  ▼

X  

ADP5071 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5071
Description  2.4 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 2Page - Analog Devices ADP5071 Datasheet HTML 3Page - Analog Devices ADP5071 Datasheet HTML 4Page - Analog Devices ADP5071 Datasheet HTML 5Page - Analog Devices ADP5071 Datasheet HTML 6Page - Analog Devices ADP5071 Datasheet HTML 7Page - Analog Devices ADP5071 Datasheet HTML 8Page - Analog Devices ADP5071 Datasheet HTML 9Page - Analog Devices ADP5071 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADP5074
Data Sheet
Rev. A | Page 6 of 17
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
SW 1
SLEW 2
PWRGD 3
SYNC/FREQ 4
12 PVIN
11 VREG
10 GND
9
VREF
ADP5074
TOP VIEW
(Not to Scale)
NOTES.
1. NIC = NO INTERNAL CONNECTION. FOR IMPROVED THERMAL
PERFORMANCE, CONNECT THESE PINS TO THE PCB GROUND PLANE.
2. EXPOSED PAD. CONNECT THE EXPOSED PAD TO GND.
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SW
Switching Node for the Inverting Regulator.
2
SLEW
Driver Stage Slew Rate Control. The SLEW pin sets the slew rate for the FET driving the SW pin. For the fastest
slew rate (best efficiency), leave the SLEW pin open. For a normal slew rate, connect the SLEW pin to VREG. For
the slowest slew rate (best noise performance), connect the SLEW pin to GND.
3
PWRGD
Power-Good Output (Open-Drain). Pull this pin up to VREG with a resistor to provide a high output when power
is good.
4
SYNC/FREQ
Frequency Setting and Synchronization Input. To set the switching frequency to 2.4 MHz, pull the SYNC/FREQ pin
high. To set the switching frequency to 1.2 MHz, pull the SYNC/FREQ pin low. To synchronize the switching
frequency, connect the SYNC/FREQ pin to an external clock.
5
SS
Soft Start Programming. Leave the SS pin open to obtain the fastest soft start time. To program a slower soft
start time, connect a resistor between the SS pin and GND.
6
EN
Inverting Regulator Precision Enable. The EN pin is compared to an internal precision reference to enable the
inverting regulator output.
7
COMP
Error Amplifier Compensation for the Inverting Regulator. Connect the compensation network between this pin and
GND.
8
FB
Feedback Input for the Inverting Regulator. Connect a resistor divider between the negative side of the
inverting regulator output capacitor and VREF to program the output voltage.
9
VREF
Inverting Regulator Reference Output. Connect a 1.0 μF ceramic filter capacitor between the VREF pin and GND.
10
GND
Ground.
11
VREG
Internal Regulator Output. Connect a 1.0 μF ceramic filter capacitor between the VREG pin and GND.
12
PVIN
Power Input for the Inverting Regulator.
13
AVIN
System Power Supply for the ADP5074.
14, 15, 16
NIC
No Internal Connection. For improved thermal performance, connect these pins to the PCB ground plane.
EPAD
EPAD
Exposed Pad. Connect the exposed pad to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com