Electronic Components Datasheet Search
  English  ▼

X  

ADP5071 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5071
Description  2.4 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 4Page - Analog Devices ADP5071 Datasheet HTML 5Page - Analog Devices ADP5071 Datasheet HTML 6Page - Analog Devices ADP5071 Datasheet HTML 7Page - Analog Devices ADP5071 Datasheet HTML 8Page - Analog Devices ADP5071 Datasheet HTML 9Page - Analog Devices ADP5071 Datasheet HTML 10Page - Analog Devices ADP5071 Datasheet HTML 11Page - Analog Devices ADP5071 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADP5074
Data Sheet
Rev. A | Page 8 of 17
IOUT (A)
0
10
20
30
40
50
60
70
80
90
0.001
0.01
0.1
10
1
TA = –40°C
TA = +25°C
TA = +125°C
Figure 9. Efficiency vs. Current Load (IOUT) for Various Temperatures, VIN = 5 V,
VOUT = −15 V, fSW = 1.2 MHz
VIN (V)
–0.50
–0.30
–0.10
0.10
0.30
0.50
0
2
4
6
8
10
12
Figure 10. Line Regulation, VOUT = −5 V, fSW = 1.2 MHz, 15 mA Load, TA = 25°C
(Skip Mode Not Shown)
LOAD (A)
–0.50
–0.30
–0.10
0.10
0.30
0.50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
1.2 MHz
2.4 MHz
Figure 11. Load Regulation, VIN = 12 V, VOUT = −5 V, fSW = 1.2 MHz, TA = 25°C
(Skip Mode Not Shown)
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
2.24
2.29
2.34
2.39
2.44
2.49
2.54
Figure 12. Oscillator Frequency vs. Input Voltage (VIN) for Various
Temperatures, SYNC/FREQ Pin = High
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
1.13
1.27
1.25
1.23
1.21
1.19
1.17
1.15
Figure 13. Oscillator Frequency vs. Input Voltage (VIN) for Various
Temperatures, SYNC/FREQ Pin = Low
0
4
8
12
16
2
6
10
14
VIN (V)
0
2
4
6
8
10
12
14
16
18
TA = +80°C
TA = +25°C
TA = –40°C
Figure 14. Shutdown Quiescent Current (ISHDN) vs. Input Voltage (VIN) for
Various Temperatures, EN Pin Below Shutdown Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com