Electronic Components Datasheet Search
  English  ▼

X  

ADP5075 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5075
Description  2.4 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5075 Datasheet(HTML) 5 Page - Analog Devices

  ADP5075 Datasheet HTML 1Page - Analog Devices ADP5075 Datasheet HTML 2Page - Analog Devices ADP5075 Datasheet HTML 3Page - Analog Devices ADP5075 Datasheet HTML 4Page - Analog Devices ADP5075 Datasheet HTML 5Page - Analog Devices ADP5075 Datasheet HTML 6Page - Analog Devices ADP5075 Datasheet HTML 7Page - Analog Devices ADP5075 Datasheet HTML 8Page - Analog Devices ADP5075 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
ADP5074
Rev. A | Page 5 of 17
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
PVIN, AVIN
−0.3 V to +18 V
SW
PVIN − 40 V to PVIN + 0.3 V
GND
−0.3 V to +0.3 V
VREG
−0.3 V to lower of AVIN + 0.3 V or +6 V
EN, FB, SYNC/FREQ, PWRGD
−0.3 V to +6 V
COMP, SLEW, SS, VREF
−0.3 V to VREG + 0.3 V
Operating Junction
Temperature Range
−40°C to +125°C
Storage Temperature
Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA and ΨJT are based on a 4-layer printed circuit board (PCB)
(two signals and two power planes) with thermal vias connecting
the exposed pad to a ground plane as recommended in the
Layout Considerations section. θJC is measured at the top of the
package and is independent of the PCB. The ΨJT value is more
appropriate for calculating junction to case temperature in the
application.
Table 4. Thermal Resistance
Package Type
θJA
θJC
ΨJT
Unit
16-Lead LFCSP
75.01
55.79
0.95
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com