Electronic Components Datasheet Search
  English  ▼

X  

ADP5075 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5075
Description  2.4 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5075 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5075 Datasheet HTML 6Page - Analog Devices ADP5075 Datasheet HTML 7Page - Analog Devices ADP5075 Datasheet HTML 8Page - Analog Devices ADP5075 Datasheet HTML 9Page - Analog Devices ADP5075 Datasheet HTML 10Page - Analog Devices ADP5075 Datasheet HTML 11Page - Analog Devices ADP5075 Datasheet HTML 12Page - Analog Devices ADP5075 Datasheet HTML 13Page - Analog Devices ADP5075 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADP5074
Data Sheet
Rev. A | Page 10 of 17
THEORY OF OPERATION
VIN
CIN
SW
FB
INVERTER
PWM CONTROL
PVIN
ERROR AMP
EN
VREG
CVREG
COMP
SLEW
SYNC/
FREQ
SS
GND
CURRENT
SENSE
START-UP
TIMERS
PLL
4µA
REF
CONTROL
OSCILLATOR
SLEW
RFB
RFT
L1
D1
COUT
RSS (OPTIONAL)
THERMAL
SHUTDOWN
UVLO
OVP
VREF
VREG
FB
REFERENCE
GENERATOR
REF_1.6V
REF_1.6V
REF
CVREF
RC
CC
POWER
GOOD
REF
PWRGD
VREG
RPG
(OPTIONAL)
HIGH VOLTAGE
BAND GAP
HIGH VOLTAGE
REGULATOR
AVIN
EN
Figure 21. Functional Block Diagram
PWM MODE
The inverting regulator in the ADP5074 operates at a fixed fre-
quency set by an internal oscillator. At the start of each oscillator
cycle, the MOSFET switch turns on, applying a positive voltage
across the inductor. The inductor current (IINDUCTOR) increases
until the current sense signal crosses the peak inductor current
threshold that turns off the MOSFET switch; this threshold is set
by the error amplifier output. During the MOSFET off time, the
inductor current declines through the external diode until the next
oscillator clock pulse starts a new cycle. The ADP5074 regulates the
output voltage by adjusting the peak inductor current threshold.
SKIP MODE
During light load operation, the regulator can skip pulses to
maintain output voltage regulation. Skipping pulses increases
the device efficiency. The COMP voltage is monitored internally
and when it falls below a threshold (due to the output voltage
rising above the target during a switching cycle), the next switching
cycle is skipped. This voltage is monitored on a cycle-by-cycle
basis. During skip operation, the output ripple is increased and
the ripple frequency varies. The choice of inductor defines the
output current below which skip mode occurs.
UNDERVOLTAGE LOCKOUT (UVLO)
The UVLO circuitry monitors the AVIN pin voltage level. If the
input voltage drops below the VUVLO_FALLING threshold, the
regulator turns off. After the AVIN pin voltage rises above the
VUVLO_RISING threshold, the soft start period initiates, and the
regulator is enabled.
OSCILLATOR AND SYNCHRONIZATION
A phase-locked loop (PLL)-based oscillator generates the internal
clock and offers a choice of two internally generated frequency
options or external clock synchronization. The switching frequency
is configured using the SYNC/FREQ pin options shown in Table 6.
For external synchronization, connect the SYNC/FREQ pin to a
suitable clock source. The PLL locks to an input clock within
the range specified by fSYNC.
Table 6. SYNC/FREQ Pin Options
SYNC/FREQ Pin
Switching Frequency
High
2.4 MHz
Low
1.2 MHz
External Clock
1× clock frequency
INTERNAL REGULATORS
The internal VREG regulator in the ADP5074 provides a stable
power supply for the internal circuitry. The VREG supply provides
a high signal for device configuration pins but must not be used
to supply external circuitry.
The VREF regulator provides a reference voltage for the inverting
regulator feedback network to ensure a positive feedback voltage
on the FB pin. A current-limit circuit is included for both internal
regulators to protect the circuit from accidental loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com