Electronic Components Datasheet Search
  English  ▼

X  

LC0404FC Datasheet(PDF) 5 Page - Protek Devices

Part # LC0404FC
Description  LOW CAPACITANCE FLIP CHIP ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0404FC Datasheet(HTML) 5 Page - Protek Devices

  LC0404FC Datasheet HTML 1Page - Protek Devices LC0404FC Datasheet HTML 2Page - Protek Devices LC0404FC Datasheet HTML 3Page - Protek Devices LC0404FC Datasheet HTML 4Page - Protek Devices LC0404FC Datasheet HTML 5Page - Protek Devices LC0404FC Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.protekdevices.com
05157.R6 4/05
LC0404FC3.3C
thru
LC0404FC36C
PACKAGE OUTLINE & DIMENSIONS
A
B
C
E
F
G
H
I
0.56 NOM
0.86 NOM
1.0 ± 0.02
0.15 SQ
1.0 ± 0.0254
0.15 NOM
0.127 MAX
0.076 MIN
0.406 NOM
0.022 NOM
0.034 NOM
0.039 ± 0.001
0.006 SQ
0.039 ± 0.001
0.006 NOM
0.005 MAX
0.003 MIN
0.016 NOM
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad and
outline: .xxx ± 0.05mm (± 0.002”).
PACKAGE OUTLINE
MOUNTING PAD LAYOUT - Option 1
A
C
D
E
F
G
H
I
0.51
0.30
0.46
0.20
0.15 SQ
0.71
0.99
0.51
NOTE:
1.
Preferred: Using 0.1mm (0.004”) stencil.
0.020
0.012
0.018
0.008
0.006 SQ
0.028
0.039
0.020
PAD DIMENSIONS
DIM
MILLIMETERS
INCHES
C
SOLDER PRINT
0.010” - 0.012” DIA.
A
I
SOLDER PADS
DIE
SOLDER
BUMP
SOLDER MASK
H
E
F
I
TOP
END
Outline & Dimensions: Rev4 - 9/04, 06022



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com