Electronic Components Datasheet Search
  English  ▼

X  

MIC5203 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC5203
Description  關Cap 80 mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5203 Datasheet(HTML) 5 Page - Microchip Technology

  MIC5203 Datasheet HTML 1Page - Microchip Technology MIC5203 Datasheet HTML 2Page - Microchip Technology MIC5203 Datasheet HTML 3Page - Microchip Technology MIC5203 Datasheet HTML 4Page - Microchip Technology MIC5203 Datasheet HTML 5Page - Microchip Technology MIC5203 Datasheet HTML 6Page - Microchip Technology MIC5203 Datasheet HTML 7Page - Microchip Technology MIC5203 Datasheet HTML 8Page - Microchip Technology MIC5203 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006609A-page 5
MIC5203
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Dropout Voltage vs. Output
Current.
FIGURE 2-2:
Dropout Voltage vs.
Temperature.
FIGURE 2-3:
Dropout Characteristics.
FIGURE 2-4:
Ground Current vs. Output
Current.
FIGURE 2-5:
Ground Current vs. Supply
Voltage.
FIGURE 2-6:
Ground Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
1
10
100
1000
0.01
0.1
1
10
100
OUTPUT CURRENT (mA)
C
IN = 10 F
C
OUT = 1 F
0
100
200
300
400
-60 -30 0
30 60 90 120 150
TEMPERATURE (C)
C
IN = 10 F
C
OUT = 1 F
I
L = 100 A
I
L = 1mA
I
L = 80mA
0
1
2
3
4
01
234 5
6
7
SUPPLY VOLTAGE (V)
I
L = 80mA
I
L = 100 A
C
IN = 10 F
C
OUT = 1 F
0
500
1000
1500
2000
0 1020 304050 607080
OUTPUT CURRENT (mA)
V
IN = VOUT + 1V
0.0
0.5
1.0
1.5
2.0
01
23
4 5
6
7
SUPPLY VOLTAGE (V)
I
L = 50mA
I
L = 100 A
V
OUT = 3.3V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-60 -30 0
30 60 90 120 150
TEMPERATURE (C)
I
L = 50mA
I
L = 100 A
C
IN = 10 F
C
OUT = 1 F
I
L = 80mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com