Electronic Components Datasheet Search
  English  ▼

X  

MIC5203 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC5203
Description  關Cap 80 mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5203 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC5203 Datasheet HTML 6Page - Microchip Technology MIC5203 Datasheet HTML 7Page - Microchip Technology MIC5203 Datasheet HTML 8Page - Microchip Technology MIC5203 Datasheet HTML 9Page - Microchip Technology MIC5203 Datasheet HTML 10Page - Microchip Technology MIC5203 Datasheet HTML 11Page - Microchip Technology MIC5203 Datasheet HTML 12Page - Microchip Technology MIC5203 Datasheet HTML 13Page - Microchip Technology MIC5203 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MIC5203
DS20006609A-page 10
2021 Microchip Technology Inc. and its subsidiaries
4.0
APPLICATION INFORMATION
4.1
Input Capacitor
A 0.1 µF capacitor should be placed from IN to GND if
there are more than 10 inches of wire between the
input and the AC filter capacitor or if a battery is used
as the input.
4.2
Output Capacitor
Typical PNP based regulators require an output
capacitor to prevent oscillation. The MIC5203 is
ultra-stable, requiring only 0.47 µF of output
capacitance for stability. The regulator is stable with all
types of capacitors, including the tiny, low-ESR ceramic
chip capacitors. The output capacitor value can be
increased without limit to improve transient response.
The capacitor should have a resonant frequency above
500 kHz. Ceramic capacitors work, but some
dielectrics have poor temperature coefficients, which
will affect the value of the output capacitor over
temperature. Tantalum capacitors are much more
stable over temperature, but typically are larger and
more expensive. Aluminum electrolytic capacitors will
also work, but they have electrolytes that freeze at
about –30°C. Tantalum or ceramic capacitors are
recommended for operation below –25°C.
4.3
No-Load Stability
The MIC5203 will remain stable and in regulation with
no load (other than the internal voltage divider) unlike
many other voltage regulators. This is especially
important in CMOS RAM keep-alive applications.
4.4
Enable Input
The MIC5203 features nearly zero off-mode current.
When EN (enable input) is held below 0.6V, all internal
circuitry is powered off. Pulling EN high (over 2.0V) re-
enables the device and allows operation. EN draws a
small amount of current, typically 15 µA. While the logic
threshold is TTL/CMOS compatible, EN may be pulled
as high as 20V, independent of VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com