Electronic Components Datasheet Search
  English  ▼

X  

MIC4452YN Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC4452YN
Description  12A Peak Low-Side MOSFET Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4452YN Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC4452YN Datasheet HTML 7Page - Microchip Technology MIC4452YN Datasheet HTML 8Page - Microchip Technology MIC4452YN Datasheet HTML 9Page - Microchip Technology MIC4452YN Datasheet HTML 10Page - Microchip Technology MIC4452YN Datasheet HTML 11Page - Microchip Technology MIC4452YN Datasheet HTML 12Page - Microchip Technology MIC4452YN Datasheet HTML 13Page - Microchip Technology MIC4452YN Datasheet HTML 14Page - Microchip Technology MIC4452YN Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006616A-page 11
MIC4451/52
FIGURE 4-1:
Switching Time Degradation
Due to Negative Feedback.
The supply current vs. frequency and supply current vs
capacitive load characteristic curves aid in determining
power dissipation calculations. Table 4-1 lists the
maximum safe operating frequency for several power
supply voltages when driving a 10,000 pF load. More
accurate power dissipation figures can be obtained by
summing the three dissipation sources.
Given the power dissipation in the device and the
thermal resistance of the package, junction operating
temperature for any ambient is easy to calculate. For
example, the thermal resistance of the 8-lead plastic
DIP package, from the data sheet, is 130°C/W. In a
25°C ambient, then, using a maximum junction
temperature of 125°C, this package will dissipate
960 mW.
Accurate power dissipation numbers can be obtained
by summing the three sources of power dissipation in
the device:
• Load Power Dissipation (PL)
• Quiescent power dissipation (PQ)
• Transition power dissipation (PT)
Calculation of load power dissipation differs depending
on whether the load is capacitive, resistive or inductive.
4.5
Resistive Load Power Dissipation
Dissipation caused by a resistive load can be
calculated as:
EQUATION 4-1:
4.6
Capacitive Load Power
Dissipation
Dissipation caused by a capacitive load is simply the
energy placed in, or removed from, the load
capacitance by the driver. The energy stored in a
capacitor is described by the equation:
EQUATION 4-2:
Because this energy is lost in the driver each time the
load is charged or discharged, the “1/2” is removed for
power dissipation calculations. This equation also
shows that it is good practice not to place more voltage
on the capacitor than is necessary, as dissipation
increases as the square of the voltage applied to the
capacitor. For a driver with a capacitive load:
EQUATION 4-3:
4.7
Inductive Load Power Dissipation
For inductive loads, the situation is more complicated.
For the part of the cycle in which the driver is actively
forcing current into the inductor, the situation is the
same as it is in the resistive case:
EQUATION 4-4:
PL I
2 R
O
D
=
Where:
I = The current drawn by the load.
RO = The output resistance of the driver when the
output is high, at the power supply voltage used.
D = The fraction of time the load is conducting (duty
cycle).
TABLE 4-1:
MIC4451 MAX. OPERATION
FREQUENCY
VS
Max. Frequency
18V
220 kHz
15V
300 kHz
10V
640 kHz
5V
2 MHz
E
1
2
--- C
V2
=
PL f C
VS
 2
=
Where:
f = Operating frequency.
C = Load capacitance.
VS = Driver supply voltage.
PL1 I
2 R
O
D
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com