Electronic Components Datasheet Search
  English  ▼

X  

MIC4452YN Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC4452YN
Description  12A Peak Low-Side MOSFET Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4452YN Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC4452YN Datasheet HTML 13Page - Microchip Technology MIC4452YN Datasheet HTML 14Page - Microchip Technology MIC4452YN Datasheet HTML 15Page - Microchip Technology MIC4452YN Datasheet HTML 16Page - Microchip Technology MIC4452YN Datasheet HTML 17Page - Microchip Technology MIC4452YN Datasheet HTML 18Page - Microchip Technology MIC4452YN Datasheet HTML 19Page - Microchip Technology MIC4452YN Datasheet HTML 20Page - Microchip Technology MIC4452YN Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006616A-page 17
MIC4451/52
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
INCHES
Dimension Limits
Min
Nom
Max
Number of Leads
N
5
Pitch
e
.067 BSC
A
t
h
g
i
e
H
ll
a
r
e
v
O
.160
.175
.190
Tab Height
A1
.045
.050
.055
Lead Width
b
.025
.033
.040
Lead Thickness
c
.012
.016
.020
Total Body Length Including Tab
D
.542
.580
.619
Molded Body Length
D1
.348
.354
.360
E
h
t
d
i
W
l
a
t
o
T
.380
.400
.420
1
E
h
t
d
i
W
d
a
P
0.256 REF
2
D
h
t
g
n
e
L
d
a
P
0.486 REF
L
h
t
g
n
e
L
d
a
e
L
.500
.540
.580
ØP
.146
.151
.156
Hole Center to Tab Edge
Q
.103
.108
.113
0
1
7
3
e
l
g
n
A
t
f
a
r
D
y
d
o
B
d
e
d
l
o
M
4
1
e
l
g
n
A
t
f
a
r
D
y
d
o
B
d
e
d
l
o
M
7
2
1
Hole Diameter
Microchip Technology Drawing C04-036 Rev D Sheet 2 of 2
5-Lead Transistor Outline Type LB03 (B8X) - [TO-220]
Micrel Legacy Package TO220-LB03-5LD-PL-1
Seating Plane to Lead
A2
.080
.098
.115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com