Electronic Components Datasheet Search
  English  ▼

X  

L8550QLT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L8550QLT1
Description  General Purpose Transistors PNP Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L8550QLT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  L8550QLT1 Datasheet HTML 1Page - Leshan Radio Company L8550QLT1 Datasheet HTML 2Page - Leshan Radio Company L8550QLT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
L8550*LT1–2/3
L8550*LT1
ON CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
DC Current Gain
h FE
150
–
600
(I C =100mA V CE=1V)
Collector-Emitter Saturation Voltage
V CE(S)
–
–
0.5
V
(I C =800mA I B=80mA)
NOTE:
*
PQ
R
S
hFE
100~200
150~300
200~400
300~600



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com