Electronic Components Datasheet Search
  English  ▼

X  

L8550QLT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L8550QLT1
Description  General Purpose Transistors PNP Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L8550QLT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  L8550QLT1 Datasheet HTML 1Page - Leshan Radio Company L8550QLT1 Datasheet HTML 2Page - Leshan Radio Company L8550QLT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
L8550*LT1–1/3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
V CEO
25
V
Collector-Base voltage
V CBO
40
V
Emitter-base Voltage
V EBO
5
V
Collector current-continuoun
I C
800
mAdc
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR- 5 Board (1)
P D
T A = 2
5 °C
225
mW
Derate above 2
5 °C
1.8
mW /°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
P D
Alumina Substrate, (2) T A = 2
5 °C
300
mW
Derate above 2
5 °C
2.4
mW /°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
T J , T stg
-55 to +150
°C
DEVICEMARKING
L8550QLT1 = 1YD L8550PLT1=85P
ELECTRICAL CHARACTERISTICS (T A = 2
5 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFFCHARACTERISTICS
Collector-Emitter Breakdown Voltage
V (BR)CEO
25
–
–
V
(I C = 1.0mA)
Emitter-Base Breakdown Voltage
V (BR)EBO
5–
–
V
(I E = 100
µA)
Collector-Base Breakdown voltage
V (BR)CBO
40
–
–
V
(I C= 100
µA)
Collector Cutoff Current
I CBO
–
–
150
nA
(VCB = 35 V)
Emitter Cutoff Current
I EBO
–
–
150
nA
(VEB =4V)
1. FR-5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
SOT– 23
L8550*LT1
1
3
2
General Purpose Transistors
1
BASE
2
EMITTER
COLLECTOR
3
FEATURE
Pb-Free Package is available.
ORDERING INFORMATION
Device
Package
Shipping
L8550*LT1
SOT-23
3000/Tape&Reel
L8550*LT1G
(Pb-Free)
SOT-23
3000/Tape&Reel
PNP Silicon


Similar Part No. - L8550QLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L8550QLT1G LRC-L8550QLT1G Datasheet
206Kb / 4P
General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
L8550QLT1G LEIDITECH-L8550QLT1G Datasheet
682Kb / 4P
General Purpose Transistors PNP Silicon
logo
Leshan Radio Company
L8550QLT1G LRC-L8550QLT1G_15 Datasheet
208Kb / 4P
General Purpose Transistors
More results

Similar Description - L8550QLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1774QT1G LRC-L2SA1774QT1G_11 Datasheet
241Kb / 3P
General Purpose Transistors PNP Silicon
LBC807-16LT1G LRC-LBC807-16LT1G_11 Datasheet
190Kb / 10P
General Purpose Transistors PNP Silicon
LBC807-16WT1G LRC-LBC807-16WT1G Datasheet
69Kb / 3P
General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC807-25-TP MCC-BC807-25-TP Datasheet
286Kb / 3P
PNP Silicon General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com