Electronic Components Datasheet Search
  English  ▼

X  

TCA9416DDFR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9416DDFR
Description  TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA9416DDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCA9416DDFR Datasheet HTML 9Page - Texas Instruments TCA9416DDFR Datasheet HTML 10Page - Texas Instruments TCA9416DDFR Datasheet HTML 11Page - Texas Instruments TCA9416DDFR Datasheet HTML 12Page - Texas Instruments TCA9416DDFR Datasheet HTML 13Page - Texas Instruments TCA9416DDFR Datasheet HTML 14Page - Texas Instruments TCA9416DDFR Datasheet HTML 15Page - Texas Instruments TCA9416DDFR Datasheet HTML 16Page - Texas Instruments TCA9416DDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Gate Bias
Generator
10 k
Rise Time
Logic
VCCB
A
B
Fall Time
Logic
VCCB
Rise Time
Logic
VCCA
Fall Time
Logic
VCCA
10 k
Figure 8-1. Architecture of a TCA9416 Cell
These two bidirectional channels support both directions of data flow without a direction-control signal. By
properly biasing the gate of the pass-FET, the FET can turn on (low RDSON), when either side input voltage drops
to ~ 1 voltage threshold below the lowest of the two supplies.
The TCA9416 is part of the TI "Switch" type voltage translator family and employs key circuits to enable this
voltage translation:
1. An N-channel pass-gate transistor topology that ties the A-port to the B-port.
2. Output rise time accelerator circuitry to detect and accelerate rising edges on the A or B ports
3. Output fall time accelerator circuitry to detect and accelerate falling edges on the A or B ports
For bidirectional voltage translation, pull up resistors are included on the device for dc current sourcing
capability. The VGATE gate bias of the N-channel pass transistor is set to the lower supply voltage and can
be represented with MIN(VCCA, VCCB).
The rise and fall time accelerator (RTA and FTA, respectively) circuitry speeds up the output slew rate by
monitoring the input edge for transitions, helping maintain the data rate through the device. During a low-to-high
signal rising edge, the rise time accelerator (RTA) circuit turns on to increase the current drive capability of
the driver. This edge-rate acceleration provides high ac drive by bypassing the internal 10-kΩ pull up resistors
during the low-to-high transition to speed up the signal. The output resistance of the driver is decreased to
approximately 150 Ω during this acceleration phase. During a high-to-low signal falling edge, the fall time
accelerator (FTA) turns on to increase the current drive capability of the driver, similar to the rise time
accelerator. This helps reduce the fall time for large capacitive loads. For light capacitive loads, the fall time
accelerator will not enable.
Both the rise and fall time accelerators have logic to control the rate at which they turn on and off, in order to
reduce ringing and over/undershoots.
8.3.2 Enable and Disable
The TCA9416 has an OE input that is used to disable the device by setting OE low, which prevents any signals
from propagating across the device. This pin is referenced to the VCCA supply. The rise and fall time accelerators
are also disabled. Note that the internal pull up resistors will still be enabled if the supply is above VUVLO. The
disable time (tdis) indicates the delay between the time when OE goes low and when the outputs are disabled
(Hi-Z). The enable time (ten) indicates the amount of time the user must allow for the one-shot circuitry to
become operational after OE is taken high.
www.ti.com
TCA9416
SCPS238A – FEBRUARY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TCA9416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com