Electronic Components Datasheet Search
  English  ▼

X  

TCA9416DDFR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9416DDFR
Description  TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA9416DDFR Datasheet(HTML) 2 Page - Texas Instruments

  TCA9416DDFR Datasheet HTML 1Page - Texas Instruments TCA9416DDFR Datasheet HTML 2Page - Texas Instruments TCA9416DDFR Datasheet HTML 3Page - Texas Instruments TCA9416DDFR Datasheet HTML 4Page - Texas Instruments TCA9416DDFR Datasheet HTML 5Page - Texas Instruments TCA9416DDFR Datasheet HTML 6Page - Texas Instruments TCA9416DDFR Datasheet HTML 7Page - Texas Instruments TCA9416DDFR Datasheet HTML 8Page - Texas Instruments TCA9416DDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................5
6.4 Thermal Information ...................................................5
6.5 Electrical Characteristics ............................................6
6.6 Timing Requirements .................................................7
6.7 Switching Characteristics ...........................................8
6.8 Typical Characteristics................................................ 9
7 Parameter Measurement Information.......................... 10
7.1 Voltage Waveforms................................................... 11
8 Detailed Description......................................................12
8.1 Overview................................................................... 12
8.2 Functional Block Diagram......................................... 12
8.3 Feature Description...................................................12
8.4 Device Functional Modes..........................................14
9 Application and Implementation.................................. 15
9.1 Application Information............................................. 15
9.2 Typical Application.................................................... 15
10 Power Supply Recommendations..............................17
11 Layout........................................................................... 18
11.1 Layout Guidelines................................................... 18
11.2 Layout Example...................................................... 18
12 Device and Documentation Support..........................19
12.1 Receiving Notification of Documentation Updates..19
12.2 Support Resources................................................. 19
12.3 Trademarks.............................................................19
12.4 Electrostatic Discharge Caution..............................19
12.5 Glossary..................................................................19
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (February 2021) to Revision A (August 2021)
Page
• Changed the document status from: Advanced Information to: Production data............................................... 1
TCA9416
SCPS238A – FEBRUARY 2021 – REVISED AUGUST 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TCA9416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com