Electronic Components Datasheet Search
  English  ▼

X  

ADP5076 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5076
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5076 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5076 Datasheet HTML 5Page - Analog Devices ADP5076 Datasheet HTML 6Page - Analog Devices ADP5076 Datasheet HTML 7Page - Analog Devices ADP5076 Datasheet HTML 8Page - Analog Devices ADP5076 Datasheet HTML 9Page - Analog Devices ADP5076 Datasheet HTML 10Page - Analog Devices ADP5076 Datasheet HTML 11Page - Analog Devices ADP5076 Datasheet HTML 12Page - Analog Devices ADP5076 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
ADP5076
Rev. A | Page 9 of 23
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
LOAD CURRENT (A)
TA = +125°C
TA = +25°C
TA = –40°C
Figure 15. Boost Regulator Efficiency over Temperature,
VIN = 5 V, VPOS = 15 V, fSW = 1.2 MHz
0.5
–0.5
2.5
6.0
VIN (V)
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
3.0
3.5
4.0
4.5
5.0
5.5
VPOS ACCURACY
VFB1 ACCURACY
Figure 16. Boost Regulator Line Regulation, VPOS = 15 V,
fSW = 1.2 MHz, 15 mA Load, TA = 25°C
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.05
0.10
0.15
0.20
0.25
LOAD CURRENT (A)
1.2MHz
2.4MHz
Figure 17. Boost Regulator Load Regulation, VIN = 5 V, VPOS = 15 V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
LOAD CURRENT (A)
TA = +125°C
TA = +25°C
TA = –40°C
Figure 18. Inverting Regulator Efficiency over Temperature,
VIN = 5 V, VNEG = −15 V, fSW = 1.2 MHz
0.5
–0.5
2.5
6.0
VIN (V)
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
3.03.54.04.55.0
5.5
VNEG ACCURACY
VREF ACCURACY
VFB2 ACCURACY
Figure 19. Inverting Regulator Line Regulation, VNEG = −15 V,
fSW = 1.2 MHz, 15 mA Load, TA = 25°C
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.05
0.10
0.15
0.20
LOAD CURRENT (A)
1.2MHz
2.4MHz
Figure 20. Inverting Regulator Load Regulation, VIN = +5 V, VNEG = −15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com