Electronic Components Datasheet Search
  English  ▼

X  

ADP5076 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5076
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5076 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5076 Datasheet HTML 13Page - Analog Devices ADP5076 Datasheet HTML 14Page - Analog Devices ADP5076 Datasheet HTML 15Page - Analog Devices ADP5076 Datasheet HTML 16Page - Analog Devices ADP5076 Datasheet HTML 17Page - Analog Devices ADP5076 Datasheet HTML 18Page - Analog Devices ADP5076 Datasheet HTML 19Page - Analog Devices ADP5076 Datasheet HTML 20Page - Analog Devices ADP5076 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
ADP5076
Rev. A | Page 17 of 23
OUTPUT CAPACITORS
Higher output capacitor values reduce the output voltage ripple
and improve load transient response. When choosing this value,
it is also important to account for the loss of capacitance due to
the output voltage dc bias.
Ceramic capacitors are manufactured with a variety of dielectrics,
each with a different behavior over temperature and applied
voltage. Capacitors must have a dielectric adequate to ensure the
minimum capacitance over the necessary temperature range and
dc bias conditions. X5R or X7R dielectrics with a voltage rating of
25 V or 50 V (depending on output) are recommended for best
performance. Y5V and Z5U dielectrics are not recommended
for use with any dc-to-dc converter because of their poor
temperature and dc bias characteristics.
Calculate the worst-case capacitance accounting for capacitor
variation over temperature, component tolerance, and voltage
using the following equation:
CEFFECTIVE = CNOMINAL × (1 − TEMPCO) × (1 − DCBIASCO) ×
(1 − Tolerance)
where:
CEFFECTIVE is the effective capacitance at the operating voltage.
CNOMINAL is the nominal data sheet capacitance.
TEMPCO is the worst-case capacitor temperature coefficient.
DCBIASCO is the dc bias derating at the output voltage.
Tolerance is the worst-case component tolerance.
To guarantee the performance of the device, it is imperative that
the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.
Capacitors with lower effective series resistance (ESR) and
effective series inductance (ESL) are preferred to minimize
output voltage ripple.
The use of large output capacitors can require a slower soft start
to prevent current limit during startup. A 10 μF capacitor is
suggested as a good balance between performance and size.
Input Capacitor
Higher value input capacitors help to reduce the input voltage
ripple and improve transient response.
To minimize supply noise, place the input capacitor as close as
possible to the AVIN pin and the PVIN pin. A low ESR capacitor
is recommended.
The effective capacitance needed for stability is a minimum of 10 μF.
If the power pins are individually decoupled, it is recommended
to use an effective minimum of a 5.6 μF capacitor on the PVIN pin
and a 3.3 μF capacitor on the AVIN pin. The minimum values
specified exclude dc bias, temperature, and tolerance effects that
are application dependent and must be taken into
consideration.
VREF Capacitor
A 1.0 μF ceramic capacitor (CVREF) is required between the
VREF pin and the AGND pin.
Soft Start Resistor
A resistor can be connected between the SS pin and the AGND pin
to increase the soft start time. The soft start time can be set by the
resistor between 4 ms (268 kΩ) and 32 ms (50 kΩ). Leaving the
SS pin open selects the fastest time of 4 ms. Figure 43 shows the
behavior of this operation. Calculate the soft start time using the
following formula:
tSS = 38.4 × 10−3 − 1.28 × 10−7 × RSS (Ω)
where 50 kΩ ≤ RSS ≤ 268 kΩ.
SS PIN OPEN
SOFT START
TIMER
SOFT START
RESISTOR
R1
R2
32ms
4ms
Figure 43. Soft Start Behavior
Diodes
Use a Schottky diode with low junction capacitance for diode 1
(D1) and diode 2 (D2). At higher output voltages and especially at
higher switching frequencies, the junction capacitance is a
significant contributor to efficiency. Higher capacitance diodes
also generate more switching noise. As a guide, a diode with less
than 40 pF junction capacitance is preferred when the output
voltage is above 5 V.
Inductor Selection for the Boost Regulator
The inductor stores energy during the on time of the power
switch and transfers that energy to the output through the
output rectifier during the off time. To balance the tradeoffs
between small inductor current ripple and efficiency, inductance
values in the range of 1 μH to 22 μH are recommended. In general,
lower inductance values have higher saturation current and
lower series resistance for a given physical size. However, lower
inductance results in a higher peak current that can lead to reduced
efficiency and greater input and/or output ripple and noise. A
peak-to-peak inductor ripple current that is close to 30% of the
maximum dc input current for the application typically yields
an optimal compromise.
For the inductor ripple current in continuous conduction mode
(CCM) operation, the VIN and output voltage (VPOS) determine
the switch duty cycle (DUTY1) using the following equation:
DIODE1
POS
DIODE1
IN
POS
1
V
V
V
V
V
DUTY
where VDIODE1 is the forward voltage drop of D1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com