Electronic Components Datasheet Search
  English  ▼

X  

ADP5070 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5070
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5070 Datasheet HTML 3Page - Analog Devices ADP5070 Datasheet HTML 4Page - Analog Devices ADP5070 Datasheet HTML 5Page - Analog Devices ADP5070 Datasheet HTML 6Page - Analog Devices ADP5070 Datasheet HTML 7Page - Analog Devices ADP5070 Datasheet HTML 8Page - Analog Devices ADP5070 Datasheet HTML 9Page - Analog Devices ADP5070 Datasheet HTML 10Page - Analog Devices ADP5070 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADP5076
Rev. A | Page 7 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
35
40
VPOS (V)
VIN = 3.3V, L1 = 3.3µH
VIN = 3.3V, L1 = 4.7µH
VIN = 5.0V, L1 = 3.3µH
VIN = 5.0V, L1 = 4.7µH
Figure 3. Boost Regulator Maximum Output Current, fSW = 1.2 MHz,
TA = 25°C, Based on Target of 70% ILIM (BOOST)
VPOS (V)
0
100
200
300
400
500
600
700
800
900
0
5
10
15
20
25
30
35
40
VIN = 3.3V, L1 = 3.3µH
VIN = 3.3V, L1 = 4.7µH
VIN = 5V, L1 = 2.2µH
VIN = 5V, L1 = 4.7µH
Figure 4. Boost Regulator Maximum Output Current, fSW = 2.4 MHz,
TA = 25°C, Based on Target of 70% ILIM (BOOST)
0.001
0.01
0.1
1
CURRENT LOAD (A)
VIN = 3.3V, fSW = 2.4MHz
VIN = 3.3V, fSW = 1.2MHz
0
10
20
30
40
50
60
70
80
100
90
Figure 5. Boost Regulator Efficiency vs. Current Load,
VIN = 3.3 V, VPOS = 5 V, TA = 25°C
0
50
100
150
200
250
300
350
400
450
500
–35
–30
–25
–20
–15
–10
–5
0
VNEG (V)
VIN = 3.3V, L2 = 4.7µH
VIN = 3.3V, L2 = 6.8µH
VIN = 5V, L2 = 10µH
VIN = 5V, L2 = 6.8µH
Figure 6. Inverting Regulator Maximum Output Current, fSW = 1.2 MHz,
TA = 25°C, Based on Target of 70% ILIM (INVERTER)
0
100
200
300
400
500
600
700
–35
–30
–25
–20
–15
–10
–5
0
VNEG (V)
VIN = 3.3V, L2 = 2.2µH
VIN = 5V, L2 = 3.3µH
VIN = 5V, L2 = 4.7µH
Figure 7. Inverting Regulator Maximum Output Current, fSW = 2.4 MHz,
TA = 25°C, Based on Target of 70% ILIM (INVERTER)
0
10
20
30
40
50
60
70
80
100
90
0.001
0.01
0.1
1
CURRENT LOAD (A)
VIN = 3.3V, fSW = 2.4MHz
VIN = 3.3V, fSW = 1.2MHz
Figure 8. Inverting Regulator Efficiency vs. Current Load, VIN = +3.3 V,
VNEG = −5 V, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com