Electronic Components Datasheet Search
  English  ▼

X  

ADP5070 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5070
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5070 Datasheet HTML 15Page - Analog Devices ADP5070 Datasheet HTML 16Page - Analog Devices ADP5070 Datasheet HTML 17Page - Analog Devices ADP5070 Datasheet HTML 18Page - Analog Devices ADP5070 Datasheet HTML 19Page - Analog Devices ADP5070 Datasheet HTML 20Page - Analog Devices ADP5070 Datasheet HTML 21Page - Analog Devices ADP5070 Datasheet HTML 22Page - Analog Devices ADP5070 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
ADP5076
Rev. A | Page 21 of 23
Table 11 and Table 12 are based on the smallest sized
components. The maximum output current is limited by the
saturation current (ISAT) rating of the 2 mm × 2 mm inductor. A
higher output current is possible by using larger inductors with
higher ISAT ratings, as long as the inductor peak current remains
below the appropriate current limit specifications.
It is important to verify the thermal performance of the small
sized inductor at higher ambient temperatures in the actual
application.
Table 11. Recommended Boost Regulator Small Sized Components
VIN
(V)
VPOS
(V)
ILOAD1(MAX)
(mA)
Frequency
(MHz)
L1
(μH)
L1 Manufacturer Part
No. (Coilcraft)
COUT1, Murata Part No.1
D1
RFT1
(MΩ)
RFB1
(kΩ)
CC1
(nF)
RC1
(kΩ)
3.3
5
370
1.2
2.2
EPL2014-222ML_
GRM21BR71A106KA73L
PMEG2005AELD
0.604
115
0.47
21
3.3
5
500
2.4
1
EPL2014-102ML_
GRM21BR71A106KA73L
PMEG2005AELD
0.604
115
0.39
22.1
3.3
9
170
1.2
2.2
EPL2014-222ML_
GRM21BZ71C106KE15L
PMEG2005AELD
1.24
121
0.82
16.5
3.3
9
270
2.4
1.5
EPL2014-152ML_
GRM21BZ71C106KE15L
PMEG2005AELD
1.24
121
0.68
6.81
3.3
15
90
1.2
3.3
EPL2014-332ML_
GRM31CR71E106MA12L
PD3S140
2.43
137
2.2
12.1
3.3
15
150
2.4
1.5
EPL2014-152ML_
GRM31CR71E106MA12L
PD3S140
2.43
137
1.2
9.53
3.3
24
50
1.2
3.3
EPL2014-332ML_
GRM32ER7YA106MA12L
PD3S140
3.09
107
1.8
28
3.3
24
70
2.4
3.3
EPL2014-332ML_
GRM32ER7YA106MA12L
PD3S140
3.09
107
1.8
12.7
5
9
230
1.2
3.3
EPL2014-332ML_
GRM21BZ71C106KE15L
PMEG2005AELD
1.24
121
0.56
15.8
5
9
390
2.4
1.5
EPL2014-152ML_
GRM21BZ71C106KE15L
PMEG2005AELD
1.24
121
0.47
13.3
5
15
100
1.2
3.3
EPL2014-332ML_
GRM31CR71E106MA12L
PD3S140
2.43
137
1
16.2
5
15
180
2.4
2.2
EPL2014-222ML_
GRM31CR71E106MA12L
PD3S140
2.43
137
0.82
11.5
5
24
50
1.2
4.7
EPL2014-472ML_
GRM32ER7YA106MA12L
PD3S140
3.09
107
1.5
19.1
5
24
100
2.4
3.3
EPL2014-332ML_
GRM32ER7YA106MA12L
PD3S140
3.09
107
1.2
12.4
5
34
30
1.2
4.7
EPL2014-472ML_
GRM32ER71H106KA12L
PD3S140
4.22
102
0.56
118
5
34
60
2.4
4.7
EPL2014-472ML_
GRM32ER71H106KA12L
PD3S140
4.22
102
1.5
13.3
1 COUT1 = 10 μF
Table 12. Recommended Inverting Regulator Small Sized Components
VIN
(V)
VNEG
(V)
ILOAD2(MAX)
(mA)
Frequency
(MHz)
L2
(μH)
L2 Manufacturer Part
No. (Coilcraft)
COUT2, Murata Part No.1
D2
RFT2
(MΩ)
RFB2
(kΩ)
CC2
(nF)
RC2
(kΩ)
3.3
−5
190
1.2
3.3
EPL2014-332ML_
GRM21BR71A106KA73L
PMEG2005AELD
1.15
158
5.6
6.65
3.3
−5
230
2.4
2.2
EPL2014-222ML_
GRM21BR71A106KA73L
PMEG2005AELD
1.15
158
2.2
8.66
3.3
−9
100
1.2
4.7
EPL2014-472ML_
GRM21BZ71C106KE15L
PMEG2005AELD
1.62
133
4.7
6.81
3.3
−9
150
2.4
2.2
EPL2014-222ML_
GRM21BZ71C106KE15L
PMEG2005AELD
1.62
133
2.7
6.04
3.3
−15
60
1.2
4.7
EPL2014-472ML_
GRM31CR71E106MA12L
PD3S140
2.32
118
4.7
6.04
3.3
−15
100
2.4
2.2
EPL2014-222ML_
GRM31CR71E106MA12L
PD3S140
2.32
118
2.2
7.15
3.3
−24
40
1.2
4.7
EPL2014-472ML_
GRM32ER7YA106MA12L
PD3S140
3.16
102
6.8
9.09
3.3
−24
60
2.4
3.3
EPL2014-332ML_
GRM32ER7YA106MA12L
PD3S140
3.16
102
2.7
10
5
−9
120
1.2
6.8
EPL2014-682ML_
GRM21BZ71C106KE15L
PMEG2005AELD
1.62
133
12
6.81
5
−9
190
2.4
3.3
EPL2014-332ML_
GRM21BZ71C106KE15L
PMEG2005AELD
1.62
133
2.2
4.64
5
−15
70
1.2
6.8
EPL2014-682ML_
GRM31CR71E106MA12L
PD3S140
2.32
118
2.7
6.81
5
−15
120
2.4
3.3
EPL2014-332ML_
GRM31CR71E106MA12L
PD3S140
2.32
118
2.2
5.36
5
−24
40
1.2
10
EPL2014-103ML_
GRM32ER7YA106MA12L
PD3S140
3.16
102
4.7
10
5
−24
70
2.4
4.7
EPL2014-472ML_
GRM32ER7YA106MA12L
PD3S140
3.16
102
4.7
5.74
5
−30
30
1.2
10
EPL2014-103ML_
GRM32ER71H106KA12L
PD3S140
4.99
75
3.9
15.8
5
−30
50
2.4
4.7
EPL2014-472ML_
GRM32ER71H106KA12L
PD3S140
4.99
75
2.2
8.87
1 COUT2 = 10 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com