Electronic Components Datasheet Search
  English  ▼

X  

ADP5040 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5040
Description  Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5040 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5040 Datasheet HTML 12Page - Analog Devices ADP5040 Datasheet HTML 13Page - Analog Devices ADP5040 Datasheet HTML 14Page - Analog Devices ADP5040 Datasheet HTML 15Page - Analog Devices ADP5040 Datasheet HTML 16Page - Analog Devices ADP5040 Datasheet HTML 17Page - Analog Devices ADP5040 Datasheet HTML 18Page - Analog Devices ADP5040 Datasheet HTML 19Page - Analog Devices ADP5040 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP5135
Data Sheet
Rev. 0 | Page 16 of 24
Power Save Mode (PSM)
The buck regulators smoothly transition to PSM operation
when the load current decreases below the PSM current
threshold. When any of the bucks enters PSM, an offset is
induced in the PWM regulation level, which makes the output
voltage rise. When the output voltage reaches a level that is
approximately 1.5% above the PWM regulation level, PWM
operation turns off. At this point, both power switches are off,
and the buck regulators enter an idle mode. The output
capacitor discharges until the output voltage falls to the PWM
regulation voltage, at which point the device drives the inductor
to make the output voltage rise again to the upper threshold.
This process is repeated while the load current is below the
PSM current threshold.
The ADP5135 has a dedicated MODE pin controlling the PSM
and PWM operations. A logic high level applied to the MODE
pin forces all bucks to operate in PWM mode. A logic low level
sets the bucks to operate in auto PSM/PWM.
PSM Current Threshold
The PSM current threshold is set to 100 mA. The buck regulators
employ a scheme that enables this current to remain accurately
controlled, independent of input and output voltage levels. This
scheme also ensures that there is very little hysteresis between
the PSM current threshold for entry to and exit from PSM. The
PSM current threshold is optimized for excellent efficiency over
all load currents.
Oscillator/Phasing of Inductor Switching
The ADP5135 ensures that all three bucks operate at the same
switching frequency when all bucks are in PWM mode.
Additionally, the ADP5135 ensures that when all bucks are in
PWM mode, BUCK3 operates out of phase with BUCK1 and
BUCK2, whereby the BUCK3 PFET starts conducting exactly
half a clock period after the BUCK1 and BUCK2 PFETs start
conducting.
Short-Circuit Protection
The bucks include frequency foldback to prevent output current
runaway on a hard short. When the voltage at the feedback pin
falls below half the target output voltage, indicating the possi-
bility of a hard short at the output, the switching frequency is
reduced to half the internal oscillator frequency. The reduction
in the switching frequency allows more time for the inductor to
discharge, preventing a runaway of output current.
Buck Regulator Soft Start
The buck regulators have an internal soft start function that
ramps the output voltage in a controlled manner upon startup,
thereby limiting the inrush current. This prevents possible input
voltage drops when a battery or a high impedance power source
is connected to the input of the converter.
Current Limit
Each buck regulator has protection circuitry to limit the
amount of positive current flowing through the PFET switch
and the amount of negative current flowing through the
synchronous rectifier. The positive current limit on the power
switch limits the amount of current that can flow from the input
to the output. The negative current limit prevents the inductor
current from reversing direction and flowing out of the load.
100% Duty Operation
With a drop in input voltage, or with an increase in load
current, the buck regulators may reach a limit where, even with
the PFET switch on 100% of the time, the output voltage drops
below the desired output voltage. At this limit, the buck
regulators transition to a mode where the PFET switch stays on
100% of the time. When the input conditions change again and
the required duty cycle falls, the buck regulators immediately
restart PWM regulation without allowing overshoot on the
output voltage.
Active Pull-Down Resistors
All regulators have optional, factory programmable, active pull-
down resistors that discharge the respective output capacitors
when the regulators are disabled. The pull-down resistors are
connected between VOUTx and AGND. The active pull-down
resistors are disabled when the regulators are turned on. The
typical value of the pull-down resistor is 75 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com