Electronic Components Datasheet Search
  English  ▼

X  

ADP5040 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5040
Description  Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5040 Datasheet(HTML) 3 Page - Analog Devices

  ADP5040 Datasheet HTML 1Page - Analog Devices ADP5040 Datasheet HTML 2Page - Analog Devices ADP5040 Datasheet HTML 3Page - Analog Devices ADP5040 Datasheet HTML 4Page - Analog Devices ADP5040 Datasheet HTML 5Page - Analog Devices ADP5040 Datasheet HTML 6Page - Analog Devices ADP5040 Datasheet HTML 7Page - Analog Devices ADP5040 Datasheet HTML 8Page - Analog Devices ADP5040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADP5135
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VAVIN = VIN1 = VIN2 = VIN3 = 3.0 V to 5.5 V; TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical
specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VAVIN, VIN1,
VIN2, VIN3
3.0
5.5
V
THERMAL SHUTDOWN
Threshold
TSSD
TJ rising
150
°C
Hysteresis
TSSD_HYS
20
°C
START-UP TIME1
BUCK1
tSTART1
450
μs
BUCK2
tSTART2
550
μs
BUCK3
tSTART3
550
μs
START-UP TIME, BUCK3 FIRST
BUCK3
tSTART4
550
μs
BUCK1
tSTART5
200
μs
BUCK2
tSTART6
300
μs
SHUTDOWN CONTROL
All ENx pins below VIL_EN level to achieve ISHUTDOWN
V
Level High
VIH_EN
0.9
Level Low
VIL_EN
0.35
V
PRECISION ENABLE PINS
Regulator activation/deactivation thresholds
V
Analog Activation Threshold
VENR
Device out of shutdown (VENx > VIH_EN)
0.94
0.97
1
Hysteresis (Regulator Deactivation)
VENH
80
mV
Input Leakage Current
VI-LEAKAGE
0.05
1
μA
POWER-GOOD PINS
Monitors VOUT falling out of regulation
Falling Threshold
VPGLOW
85
% VOUT
Rising Threshold
VPGHYS
91
94
97
% VOUT
Delay
tPGDLY
20
μs
Leakage Current
IPGIQ
VPG = VIN
1
μA
Output Voltage Low
VPGOL
Load current = 1 mA
0.02
0.15
V
MODE PIN
Level High
VIH_MOD
1.1
V
Level Low
VIL_MOD
0.4
V
INPUT CURRENT
No load, no buck switching
All Channels Enabled
ISTBY_NOSW
85
110
μA
All Channels Disabled
ISHUTDOWN
TJ = −40°C to +85°C
0.3
1.5
μA
AVIN UNDERVOLTAGE LOCKOUT
Mid UVLO Input Voltage Rising
UVLOAVINRISE
2.95
V
Mid UVLO Input Voltage Falling
UVLOAVINFALL
2.45
V
1 Start-up time is defined as the time from EN1 = EN2 = EN3 at 0 V to VAVIN to VOUT1, VOUT2, and VOUT3 reaching 90% of their nominal level. Start-up times are shorter
for individual channels if another channel is already enabled. See the Typical Performance Characteristics section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com