Electronic Components Datasheet Search
  English  ▼

X  

ADP5041 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5041
Description  Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041 Datasheet(HTML) 1 Page - Analog Devices

  ADP5041 Datasheet HTML 1Page - Analog Devices ADP5041 Datasheet HTML 2Page - Analog Devices ADP5041 Datasheet HTML 3Page - Analog Devices ADP5041 Datasheet HTML 4Page - Analog Devices ADP5041 Datasheet HTML 5Page - Analog Devices ADP5041 Datasheet HTML 6Page - Analog Devices ADP5041 Datasheet HTML 7Page - Analog Devices ADP5041 Datasheet HTML 8Page - Analog Devices ADP5041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Triple 1800 mA Buck Regulator with
Precision Enables and Power-Good Outputs
Data Sheet
ADP5135
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 3.0 V to 5.5 V
Three 1800 mA buck regulators
24-lead, 4 mm × 4 mm LFCSP package
Regulator accuracy: ±1.8%
Factory programmable or external adjustable VOUTx pins
Precision enables for easier power sequencing
Power-good pins for monitoring each regulator
3 MHz buck operation with forced PWM and auto PWM/PSM
modes
BUCK1/BUCK2/BUCK3: output voltage range from 0.8 V to 3.8 V
APPLICATIONS
Power for processors, application specific integrated circuits
(ASICs), field-programmable gate arrays (FPGAs), and
radio frequency (RF) chipsets
Portable instrumentation and medical devices
Space constrained devices
TYPICAL APPLICATION CIRCUIT
Figure 1.
GENERAL DESCRIPTION
The ADP5135 combines three high performance buck regulators
(BUCK1, BUCK2, and BUCK3). It is available in a 24-lead,
4 mm × 4 mm LFCSP.
The high switching frequency of the buck regulators enables tiny
multilayer external components and minimizes the board space.
When the MODE pin is set to high, the buck regulators operate in
forced pulse-width modulation (PWM) mode. When the
MODE pin is set to low, the buck regulators operate in PWM
mode only when the load is above a predefined threshold. When
the load current falls below this predefined threshold, the
regulator operates in power save mode (PSM), improving the
light load efficiency.
BUCK1 and BUCK2 operate in synchronization, and BUCK3
operates out of phase to reduce the input capacitor requirement.
Regulators in the ADP5135 are activated through dedicated
enable pins. The default output voltages can be externally set in
the adjustable version, or factory programmable to a wide range
of preset values in the fixed voltage version.
Table 1. Family Devices
Device
Channels
Max
Current
Package
ADP5023
2 buck regulators, 1 LDO
800 mA,
300 mA
LFCSP (CP-24-10)
ADP5024
2 buck regulators, 1 LDO
1.2 A,
300 mA
LFCSP (CP-24-10)
ADP5034
2 buck regulators, 2 LDOs
1.2 A,
300 mA
LFCSP (CP-24-10),
TSSOP (RE-28-1)
ADP5037
2 buck regulators, 2 LDOs
800 mA,
300 mA
LFCSP (CP-24-10)
ADP5033
2 buck regulators, 2 LDOs
with 2 ENx pins
800 mA,
300 mA
WLCSP (CB-16-8)
ADP5040
1 buck regulator, 2 LDOs
1.2 A,
300 mA
LFCSP (CP-20-10)
ADP5041
1 buck regulator, 2 LDOs
with supervisory circuit,
watchdog function, and
manual reset
1.2 A,
300 mA
LFCSP (CP-20-10)
ADP5133
2 buck regulators with
2 ENx pins
800 mA
WLCSP (CB-16-8)
ADP5134
2 buck regulators, 2 LDOs
with precision enable and
power good
1.2 A,
300 mA
LFCSP (CP-24-7)
PWM
AUTO
3.0V
TO
5.5V
MODE
BUCK1
1.8A
BUCK2
1.8A
BUCK3
1.8A
HOUSE-
KEEPING
POWER
GOOD
EN1
ON
OFF
12
EN2
ON
OFF
7
SW1
FB1
VOUT1
L1 1µH
C2
22µF
10
15
11
13
AVIN
17
AGND
18
C7
0.1µF
VIN1
16
PGND1
14
C1
10µF
VIN2
3
PGND2
5
C3
10µF
EN3
ON
OFF
24
VIN3
21
PGND3
19
C5
10µF
R2
R1
SW2
FB2
VOUT2
L2 1µH
C4
22µF
9
4
8
R4
R3
SW3
FB3
VOUT3
L3 1µH
C6
22µF
22
20
23
PG1
6
PG2
2
PG3
1
R6
R5
VDDIO
ADP5135
R9
100Ω
VDDIO
R8
100Ω
R7
100Ω


Similar Part No. - ADP5041

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
ADP5041ACPZ-1-R7 AD-ADP5041ACPZ-1-R7 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
ADP5041CP-1-EVALZ AD-ADP5041CP-1-EVALZ Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
More results

Similar Description - ADP5041

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
logo
Texas Instruments
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
logo
Microchip Technology
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
logo
Micrel Semiconductor
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
logo
Texas Instruments
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
logo
Micrel Semiconductor
MIC23450 MICREL-MIC23450_13 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
logo
Microchip Technology
MIC23451 MICROCHIP-MIC23451 Datasheet
3Mb / 28P
3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com