Electronic Components Datasheet Search
  English  ▼

X  

ADP5041 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5041
Description  Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5041 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5041 Datasheet HTML 16Page - Analog Devices ADP5041 Datasheet HTML 17Page - Analog Devices ADP5041 Datasheet HTML 18Page - Analog Devices ADP5041 Datasheet HTML 19Page - Analog Devices ADP5041 Datasheet HTML 20Page - Analog Devices ADP5041 Datasheet HTML 21Page - Analog Devices ADP5041 Datasheet HTML 22Page - Analog Devices ADP5041 Datasheet HTML 23Page - Analog Devices ADP5041 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADP5135
Data Sheet
Rev. 0 | Page 20 of 24
Figure 41. ADP5135 Fixed Output Voltages with Precision Enable Pins
PWM
AUTO
3.0V
TO
5.5V
MODE
BUCK1
1.8A
BUCK2
1.8A
BUCK3
1.8A
HOUSEKEEPING
POWER GOOD
EN1
ON
OFF
12
EN2
7
SW1
FB1
VOUT1
L1 1µH
C2
22µF
10
15
11
13
AVIN
17
AGND
18
C7
0.1µF
VIN1
16
PGND1
14
C1
10µF
VIN2
3
PGND2
5
C3
10µF
EN3
24
VIN3
21
PGND3
19
C5
10µF
SW2
FB2
VOUT2
L2 1µH
C4
22µF
9
4
8
SW3
FB3
VOUT3
L3 1µH
C6
22µF
22
20
23
PG1
6
PG2
2
PG3
1
TO VEN2
TO VEN3
ADP5135
FPGA
R9
100Ω
VDDIO
R8
100Ω
R7
100Ω
VIO
GPOx
VCORE
VMEM
GPIx
R10
R11
VEN2
R12
R13
VEN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com