Electronic Components Datasheet Search
  English  ▼

X  

LR324 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR324
Description  Internally Frequency Compensated, Large Voltage Gain
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR324 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR324 Datasheet HTML 1Page - Leshan Radio Company LR324 Datasheet HTML 2Page - Leshan Radio Company LR324 Datasheet HTML 3Page - Leshan Radio Company LR324 Datasheet HTML 4Page - Leshan Radio Company LR324 Datasheet HTML 5Page - Leshan Radio Company LR324 Datasheet HTML 6Page - Leshan Radio Company LR324 Datasheet HTML 7Page - Leshan Radio Company LR324 Datasheet HTML 8Page - Leshan Radio Company LR324 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
32
V
Differential Input Voltage
VID
32
V
Input Voltage
VIC
-0.3 to
32
V
Output Short Circuit to Ground (One Amplifier)
VCC
12V and TA =25
oC
Continuous
Power Dissipation
Operating Temperature Range
TOP
-
30 to 85
oC
Storage Temperature Range
TSTG
-
55 to 125
oC
Absolute Maximum Ratings
Ordering Information
Package
Temperature Range
Part Number
Packing Type
SOIC-14
-40 to 85oC
LR324M
Tube/Reel
DIP-14
LR324P
Tube
Some of our products are available in Lead Free packages; If buyers need Lead Free product, please add -E1 after
the part number in your order. For example,
LR358M is a standard tin-lead product, LR358M-E1 means a Lead
Free product.
LESHAN RADIO COMPANY, LTD.
LR324–3/10
PD
720
mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com