Electronic Components Datasheet Search
  English  ▼

X  

LR324 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR324
Description  Internally Frequency Compensated, Large Voltage Gain
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR324 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR324 Datasheet HTML 1Page - Leshan Radio Company LR324 Datasheet HTML 2Page - Leshan Radio Company LR324 Datasheet HTML 3Page - Leshan Radio Company LR324 Datasheet HTML 4Page - Leshan Radio Company LR324 Datasheet HTML 5Page - Leshan Radio Company LR324 Datasheet HTML 6Page - Leshan Radio Company LR324 Datasheet HTML 7Page - Leshan Radio Company LR324 Datasheet HTML 8Page - Leshan Radio Company LR324 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Performance Characteristics
Figure 4. Input Voltage Range
Figure 5. Input Current
Figure 7. Voltage Gain
Figure 6. Supply Current
Figure 8. Open Loop Frequency Response
0246
8
0
1
2
3
4
5
6
7
8
POSITIVE
NEGATIVE
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
A
= 0
oC TO 85oC
1HZ
10HZ
100HZ
1kHZ
10kHZ
100kHZ
1MHZ
0
10
20
30
40
50
60
70
80
90
100
110
T
A
: -40
oC TO 85oC V
CC
:10V TO 15V
DC
Power Supply Voltage (V)
Power Supply Voltage (V)
Frequency (Hz)
Figure 9. Voltage Follower Pulse Response
-40
-20
0
2040
6080
100
120
0
5
10
15
20
25
30
V
CC
=15V
Time (uS)
Power Supply Voltage (V)
Temperature (oC)
A
I
D
mA
V
CC
R 10M
V
IN
V
CC/2
V
O
V
CC
0.1uF
0
2
4
6
8
10
12
14
16
18
20
60
70
80
90
100
110
120
R
L
=2K
R
L
=20K
0
3
1
2
0
1
3
2
010
20
30
40
50
VCC =15V
RL = 2K
LESHAN RADIO COMPANY, LTD.
LR324–5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com