Electronic Components Datasheet Search
  English  ▼

X  

AS3953B Datasheet(PDF) 18 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 18 Page - ams AG

Back Button AS3953B Datasheet HTML 14Page - ams AG AS3953B Datasheet HTML 15Page - ams AG AS3953B Datasheet HTML 16Page - ams AG AS3953B Datasheet HTML 17Page - ams AG AS3953B Datasheet HTML 18Page - ams AG AS3953B Datasheet HTML 19Page - ams AG AS3953B Datasheet HTML 20Page - ams AG AS3953B Datasheet HTML 21Page - ams AG AS3953B Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Detailed Description
Figure 21:
TA(1) Byte Coding
Bit b8 set to ‘0’ codes possibility of having different data rates
for each direction.
TB(1): The interface byte TB(1) conveys information to define
the frame waiting time and the start-up frame guard time. The
interface byte TB(1) consists of two parts:
• The most significant half-byte b8 to b5 is called FWI and
codes frame waiting time (FWT).
• The least significant half byte b4 to b1 is called SFGI and
codes a multiplier value used to define the SFGT. The SFGT
defines a specific guard time needed by the PICC before
it is ready to receive the next frame after it has sent the
ATS. SFGI is coded in the range from 0 to 14. The value of
‘0’ indicates ‘No SFGT needed’.
• The SFGT bits are fixed to default value which is 0x0, while
the FWI bits are defined by configuration bits fwi<3:0>.
Figure below defines the coding of the TB(1) byte.
Figure 22:
TB(1) Byte Coding
•TC(1): The interface byte TC(1) specifies a parameter of
the protocol. The interface byte TC(1) consists of two
parts:
• The most significant bits b8 to b3 are set to 000000, all other
values are ‘RFU’.
• The bits b2 and b1 define which optional fields in the
prologue field are supported by the PICC. The PCD is
allowed to skip fields that are supported by the PICC. Bit
b2 indicates support of CID and b1 indicates support of
NAD. The AS3953B value is ‘10’ indicating “CID supported”
and “NAD not supported”.
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
dr_sdr
dr_
picc_8
dr_
picc_4
dr_
picc_2
0
dr_
pcd_8
dr_
pcd_4
dr_
pcd_2
Coding of ATS byte TA(1)
DS (PICC to PCD)
DR (PCD to PICC)
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
fwi<3>
fwi<2>
fwi<1>
fwi<0>
0
0
0
0
Coding of ATS byte TB(1)
FWI
SFGI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com