Electronic Components Datasheet Search
  English  ▼

X  

AS3953B Datasheet(PDF) 28 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 28 Page - ams AG

Back Button AS3953B Datasheet HTML 24Page - ams AG AS3953B Datasheet HTML 25Page - ams AG AS3953B Datasheet HTML 26Page - ams AG AS3953B Datasheet HTML 27Page - ams AG AS3953B Datasheet HTML 28Page - ams AG AS3953B Datasheet HTML 29Page - ams AG AS3953B Datasheet HTML 30Page - ams AG AS3953B Datasheet HTML 31Page - ams AG AS3953B Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Detailed Description
Figure 36:
Configuration Word (Bits 14 to 0)
Note(s):
1. Configuration bits b31 to b15 define AS3953B response to SAK and ATS command in ISO 14443A Protocol mode, while bits b14 to
b0 actually change performance.
2. Applicable in ISO 14443A Level-3 and Level-4 Protocol modes.
3. Applicable in ISO 14443A Level-3 Protocol mode and Framing mode, in Protocol mode applicable for frames which are put in FIFO.
4. Configuration bits fdel<1:0> are used to adjust frame delay time PCD-to-PICC. Delays caused by reader and tag resonant tanks and
AFE processing are compensated by PICC logic.Figure below defines PCD-to-PICC frame delay compensation using fdel bits.
Configuration Bit
Name
Default
Function
b14
irq_pu
0
1: Send a power-up IRQ (after power-up
initialization is finished)
b13
irq_l4
0
1: Send an IRQ at entry in ACTIVE(*) state (after
sending SAK on Cascade Level 2) (2)
b12
mod_1
0
00: ISO 14443A Level-4 Protocol mode
01: ISO 14443A Level-3 Protocol mode
10: Framing mode
11: Transparent mode
b11
mod_0
0
b10
rxncrc
0
1: Rx – CRC is not checked, CRC part of message is
also put in FIFO (3)
b9
rxbs
0
1: Rx – Bit stream mode, received bits are put in
FIFO (no parity and CRC check) (3)
b8
txncrc
0
1: Tx – Do not generate CRC (3)
b7
txbs
0
1: Tx – Bit stream mode, bits put in FIFO are sent
without parity and CRC generation (3)
b6
fdel<1>
0
PCD-to-PICC delay adjustment (4)
b5
fdel<0>
0
b4
vreg<1>
0
00: 1.8V
10: 2.7V
01: 2.0V
11: 3.3V
External Regulated voltage (VP_
REG) setting
b3
vreg<0>
0
b2
rreg<1>
0
00: disabled
10: 50
Ω
01: 100
Ω
11: 25
Ω
External Regulator enable and
output resistance setting
b1
rreg<0>
0
b0
dr8
0
Reserved for internal use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com