Electronic Components Datasheet Search
  English  ▼

X  

LBC847AWT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LBC847AWT1
Description  General Purpose Transistors NPN Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC847AWT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  LBC847AWT1 Datasheet HTML 1Page - Leshan Radio Company LBC847AWT1 Datasheet HTML 2Page - Leshan Radio Company LBC847AWT1 Datasheet HTML 3Page - Leshan Radio Company LBC847AWT1 Datasheet HTML 4Page - Leshan Radio Company LBC847AWT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
K5–3/5
LBC846AWT1, BWT1 LBC847AWT1, BWT1, CWT1 LBC848AWT1, BWT1, CWT1
LBC847/LBC848
V
R , REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitances
I
C , COLLECTOR CURRENT (mAdc)
Figure 6. Current–Gain – Bandwidth Product
I
C , COLLECTOR CURRENT (mA)
Figure 7. DC Current Gain
I
C , COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
I
B , BASE CURRENT (mA)
Figure 9. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
T
A = 25°C
V
BE(sat) @ I C /I B = 10
V
BE @ VCE = 5.0 V
V
CE = 10V
T
A = 25°C
T
A = 25°C
V
CE = 5V
T
A = 25°C
V
CE(sat) @ I C /I B= 10
I
C =
10 mA
100mA
20mA
200mA
T
A= 25°C
θ
VB for V BE
–55°C to 125°C
C
ob
C
ib
–1.0
–1.4
–1.8
–2.2
–2.6
–3.0
1.0
0.8
0.6
0.4
0.2
0
400
300
200
100
80
60
40
30
20
10.0
7.0
5.0
3.0
2.0
1.0
2.0
1.0
0.5
0.2
2.0
1.6
1.2
0.8
0.4
0
0.4 0.6 0.81.0
2.0
4.0 6.0 8.010
20
40
0.5 0.7 1.0
2.0
3.0
5.0 7.010
20
30
50
0.1 0.2
1.0
10
100
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
0.02
0.05 0.1
0.2
0.5 1.0
2.0
5.0
10
20
50mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com