Electronic Components Datasheet Search
  English  ▼

X  

LBC847AWT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBC847AWT1
Description  General Purpose Transistors NPN Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC847AWT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LBC847AWT1 Datasheet HTML 1Page - Leshan Radio Company LBC847AWT1 Datasheet HTML 2Page - Leshan Radio Company LBC847AWT1 Datasheet HTML 3Page - Leshan Radio Company LBC847AWT1 Datasheet HTML 4Page - Leshan Radio Company LBC847AWT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
K5–1/5
1
3
2
MAXIMUM RATINGS
Rating
Symbol
BC846
BC847
BC848
Unit
Collector–Emitter Voltage
V CEO
65
45
30
V
Collector–Base Voltage
V CBO
80
50
30
V
Emitter–Base Voltage
V EBO
6.0
6.0
5.0
V
Collector Current — Continuous
I C
100
100
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
150
mW
TA = 25°C
Thermal Resistance, Junction to Ambient
R θJA
833
°C/W
Total Device Dissipation
P D
2.4
mW/°C
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
LBC846AWT1 = 1A; LBC846BWT1 = 1B; LBC847AWT1 = 1E; LBC847BWT1 = 1F;
LBC847CWT1 = 1G; LBC848AWT1 = 1J; LBC848BWT1 = 1K; LBC848CWT1 = 1L
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
65
—
—
(IC = 10 mA)
V (BR)CEO
45
—
—
v
30
—
—
Collector–Emitter Breakdown Voltage
80
—
—
(IC = 10
µA, V
EB = 0)
V (BR)CES
50
—
—
v
30
—
—
Collector–Base Breakdown Voltage
80
—
—
(IC = 10
µA)
V (BR)CBO
50
—
—
v
30
—
—
Emitter–Base Breakdown Voltage
6.0
—
—
(IE = 1.0
µA)
V (BR)EBO
6.0
—
—
v
5.0
—
—
Collector Cutoff Current (VCB = 30 V)
I CBO
——
15
nA
(VCB = 30 V, TA = 150°C)
—
—
5.0
µA
LBC846AWT1,BWT1
LBC847AWT1,BWT1
CWT1
LBC848AWT1,BWT1
CWT1
2
EMITTER
3
COLLECTOR
1
BASE
SOT–323 /SC–70
1.FR–5=1.0 x 0.75 x 0.062in
LBC847 Series
LBC846 Series
LBC848 Series
LBC846 Series
LBC847 Series
LBC848 Series
LBC846 Series
LBC847 Series
LBC848 Series
LBC846 Series
LBC847 Series
LBC848 Series
Pb Free Package May be Available. The G.Suffix Denotes a
Pb Free Lead Finish
–
–
Device
ORDERING INFORMATION
Package
Shipping
LBC846AWT1G,BWT1G
LBC847AWT1G,BWT1G,CWT1G
LBC848AWT1G,BWT1G,CWT1G
SOT-323
SOT-323
SOT-323
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
General Purpose Transistors
NPN Silicon
Pb Free
–
(
)


Similar Part No. - LBC847AWT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC847AWT1G LRC-LBC847AWT1G Datasheet
550Kb / 9P
General Purpose Transistors NPN Silicon
LBC847AWT1G LRC-LBC847AWT1G Datasheet
284Kb / 6P
General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC847AWT1G LEIDITECH-LBC847AWT1G Datasheet
1,012Kb / 9P
General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
LBC847AWT1G LRC-LBC847AWT1G_15 Datasheet
398Kb / 9P
General Purpose Transistors
More results

Similar Description - LBC847AWT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC848BWT1G LEIDITECH-LBC848BWT1G Datasheet
1,012Kb / 9P
General Purpose Transistors NPN Silicon
LH8050PLTIG LEIDITECH-LH8050PLTIG Datasheet
482Kb / 4P
General Purpose Transistors NPN Silicon
LMBT2222AL LEIDITECH-LMBT2222AL Datasheet
906Kb / 6P
General Purpose Transistors NPN Silicon
logo
AiT Semiconductor Inc.
MBT6427 AITSEMI-MBT6427 Datasheet
945Kb / 8P
GENERAL PURPOSE TRANSISTORS NPN SILICON
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com