Electronic Components Datasheet Search
  English  ▼

X  

TSL2568 Datasheet(PDF) 2 Page - ams AG

Part # TSL2568
Description  Light-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2568 Datasheet(HTML) 2 Page - ams AG

  TSL2568 Datasheet HTML 1Page - ams AG TSL2568 Datasheet HTML 2Page - ams AG TSL2568 Datasheet HTML 3Page - ams AG TSL2568 Datasheet HTML 4Page - ams AG TSL2568 Datasheet HTML 5Page - ams AG TSL2568 Datasheet HTML 6Page - ams AG TSL2568 Datasheet HTML 7Page - ams AG TSL2568 Datasheet HTML 8Page - ams AG TSL2568 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − General Description
Key Benefits & Features
The benefits and features of TSL2568 and TSL2569,
Light-to-Digital Converters, are listed below:
Figure 1:
Added Value of Using TSL2568 and TSL2569
• Approximates human eye response
• Approximately 4× more sensitive than TSL2560/61 device
• Programmable interrupt function with user-defined
upper and lower threshold settings
• 16-Bit digital output with SMBus (TSL2568) at 100kHz or
• I²C (TSL2569) fast-mode at 400kHz
• Programmable analog gain and integration time
supporting 1,000,000-to-1 dynamic range
• Available in ultra-small 1.25 mm × 1.75 mm chipscale
package
• Automatically rejects 50/60Hz lighting ripple
• Low active power (0.75mW typical) with power down
mode
Benefits
Features
• Enables Operation in IR Light Environments
• Patented Dual-Diode Architecture
• Enables Dark Room to High Lux Sunlight
Operation
• 1M:1 Dynamic Range
• Reduces Micro-Processor Interrupt Overhead
• Programmable Interrupt Function
• Digital Interface is Less Susceptible to Noise
• SMBus (TSL2568) and I2C (TSL2569) Digital Interface
• Reduces Board Space Requirements while
Simplifying Designs
• Available in 1.25mm x 1.75mm Chipscale or
2.6mm x 3.8mm TMB Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com