Electronic Components Datasheet Search
  English  ▼

X  

TSL2568 Datasheet(PDF) 22 Page - ams AG

Part # TSL2568
Description  Light-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2568 Datasheet(HTML) 22 Page - ams AG

Back Button TSL2568 Datasheet HTML 18Page - ams AG TSL2568 Datasheet HTML 19Page - ams AG TSL2568 Datasheet HTML 20Page - ams AG TSL2568 Datasheet HTML 21Page - ams AG TSL2568 Datasheet HTML 22Page - ams AG TSL2568 Datasheet HTML 23Page - ams AG TSL2568 Datasheet HTML 24Page - ams AG TSL2568 Datasheet HTML 25Page - ams AG TSL2568 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Principles of Operation
Register Set
The TSL256x is controlled and monitored by sixteen registers
(three are reserved) and a Command Register accessed through
the serial interface. These registers provide for a variety of
control functions and can be read to determine results of the
ADC conversions. The Register Set is summarized in Figure 27.
Figure 27:
Register Address
The mechanics of accessing a specific register depends on the
specific SMB protocol used. Refer to the section on SMBus
protocols. In general, the Command Register is written first to
specify the specific control/status register for following
read/write operations.
Address
Register Name
Register Function
--
COMMAND
Specifies register address
0h
CONTROL
Control of basic functions
1h
TIMING
Integration time/gain control
2h
THRESHLOWLOW
Low byte of low interrupt threshold
3h
THRESHLOWHIGH
High byte of low interrupt threshold
4h
THRESHHIGHLOW
Low byte of high interrupt threshold
5h
THRESHHIGHHIGH
High byte of high interrupt threshold
6h
INTERRUPT
Interrupt control
7h
--
Reserved
8h
CRC
Factory test - not a user register
9h
--
Reserved
Ah
ID
Part number/Rev ID
Bh
--
Reserved
Ch
DATA0LOW
Low byte of ADC channel 0
Dh
DATA0HIGH
High byte of ADC channel 0
Eh
DATA1LOW
Low byte of ADC channel 1
Fh
DATA1HIGH
High byte of ADC channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com