Electronic Components Datasheet Search
  English  ▼

X  

LBC847B Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBC847B
Description  General Purpose Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC847B Datasheet(HTML) 2 Page - Leshan Radio Company

  LBC847B Datasheet HTML 1Page - Leshan Radio Company LBC847B Datasheet HTML 2Page - Leshan Radio Company LBC847B Datasheet HTML 3Page - Leshan Radio Company LBC847B Datasheet HTML 4Page - Leshan Radio Company LBC847B Datasheet HTML 5Page - Leshan Radio Company LBC847B Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LBC846ALT1S-2/6
LBC846ALT1 Series
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Package
Shipping
LBC846ALT1
1A
SOT-23
3000/Tape&Reel
LBC846ALT1G
1A
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC846BLT1
1B
SOT-23
3000/Tape&Reel
LBC846BLT1G
1B
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC847ALT1
1E
SOT-23
3000/Tape&Reel
LBC847ALT1G
1E
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC847BLT1
1F
SOT-23
3000/Tape&Reel
LBC847BLT1G
1F
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC847CLT1
1G
SOT-23
3000/Tape&Reel
LBC847CLT1G
1G
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC848ALT1
1J
SOT-23
3000/Tape&Reel
LBC848ALT1G
1J
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC848BLT1
1K
SOT-23
3000/Tape&Reel
LBC848BLT1G
1K
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC848CLT1
1L
SOT-23
3000/Tape&Reel
LBC848CLT1G
1L
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC849BLT1
2B
SOT-23
3000/Tape&Reel
LBC849BLT1G
2B
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC849CLT1
2C
SOT-23
3000/Tape&Reel
LBC849CLT1G
2C
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC850BLT1
2F
SOT-23
3000/Tape&Reel
LBC850BLT1G
2F
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC850CLT1
2G
SOT-23
3000/Tape&Reel
LBC850CLT1G
2G
(Pb-Free)
SOT-23
3000/Tape&Reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com