Electronic Components Datasheet Search
  English  ▼

X  

LBC847B Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LBC847B
Description  General Purpose Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC847B Datasheet(HTML) 3 Page - Leshan Radio Company

  LBC847B Datasheet HTML 1Page - Leshan Radio Company LBC847B Datasheet HTML 2Page - Leshan Radio Company LBC847B Datasheet HTML 3Page - Leshan Radio Company LBC847B Datasheet HTML 4Page - Leshan Radio Company LBC847B Datasheet HTML 5Page - Leshan Radio Company LBC847B Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LBC846ALT1S-3/6
LBC846ALT1 Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage LBC846A,B
(IC = 10 mA)
LB
C847A,B,C, LBC850B,C
LB
C848A,B,C, LBC849B,C
V(BR)CEO
65
45
30
–
–
–
–
–
–
V
Collector–Emitter Breakdown Voltage LBC846A,B
(IC = 10 µA, VEB = 0)
LB
C847A,B,C, LBC850B,C
LB
C848A,B,C, LBC849B,C
V(BR)CES
80
50
30
–
–
–
–
–
–
V
Collector–Base Breakdown Voltage
LB
C846A,B
(IC = 10 mA)
LB
C847A,B,C, LBC850B,C
LB
C848A,B,C, LBC849B,C
V(BR)CBO
80
50
30
–
–
–
–
–
–
V
Emitter–Base Breakdown Voltage
LB
C846A,B
(IE = 1.0 mA)
LB
C847A,B,C, LBC850B,C
LB
C848A,B,C, LBC849B,C
V(BR)EBO
6.0
6.0
5.0
–
–
–
–
–
–
V
Collector Cutoff Current (VCB = 30 V)
(VCB = 30 V, TA = 150°C)
ICBO
–
–
–
–
15
5.0
nA
µA
ON CHARACTERISTICS
DC Current Gain
LB
C846A, LBC847A, LBC848A
(IC = 10 µA, VCE = 5.0 V)
LB
C846B, LBC847B, LBC848B
LB
C847C, LBC848C
(IC = 2.0 mA, VCE = 5.0 V)
LB
C846A, LBC847A, LBC848A
LB
C846B, LBC847B, LBC848B,
LB
C849B, LBC850B
LB
C847C, LBC848C, LBC849C, LBC850C
hFE
–
–
–
110
200
420
90
150
270
180
290
520
–
–
–
220
450
800
–
Collector–Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Collector–Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VCE(sat)
–
–
–
–
0.25
0.6
V
Base–Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Base–Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VBE(sat)
–
–
0.7
0.9
–
–
V
Base–Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V)
Base–Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
VBE(on)
580
–
660
–
700
770
mV
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
–
–
MHz
Output Capacitance (VCB = 10 V, f = 1.0 MHz)
Cobo
–
–
4.5
pF
Noise Figure (IC = 0.2 mA,
(VCE = 5.0 Vdc, RS = 2.0 kΩ
LB
C846A,B, LBC847A,B,C, LBC848A,B,C
f = 1.0 kHz, BW = 200 Hz)
LB
C849B,C, LBC850B,C
NF
–
–
–
–
10
4.0
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com